Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8205 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8205
Description  Bidirectional, Zero Drift, Current Sense Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8205 Datasheet HTML 6Page - Analog Devices AD8205 Datasheet HTML 7Page - Analog Devices AD8205 Datasheet HTML 8Page - Analog Devices AD8205 Datasheet HTML 9Page - Analog Devices AD8205 Datasheet HTML 10Page - Analog Devices AD8205 Datasheet HTML 11Page - Analog Devices AD8205 Datasheet HTML 12Page - Analog Devices AD8205 Datasheet HTML 13Page - Analog Devices AD8205 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet
AD8417-2
THEORY OF OPERATION
analog.com
Rev. 0 | 10 of 15
The AD8417-2 is a single-supply, zero drift, difference amplifier
that uses a unique architecture to accurately amplify small differ-
ential current shunt voltages in the presence of rapidly changing
common-mode voltages.
The AD8417-2 design provides excellent common-mode rejection,
even with PWM common-mode inputs that can change at very fast
rates, for example, 1 V/ns. The AD8417-2 contains patented (U.S.
Patent 8,624,668 B2) technology to eliminate the negative effects of
such fast changing external common-mode variations.
The AD8417-2 features an input offset drift of less than 0.4 µV/°C.
This performance is achieved through a novel zero drift architecture
that does not compromise bandwidth, which is typically rated at
250 kHz.
The reference inputs, VREF1 and VREF2, are tied through 100 kΩ
resistors to the positive input of the main amplifier, which allows
the output offset to be adjusted anywhere in the output operating
range. The gain is 1 V/V from the reference pins to the output when
the reference pins are used in parallel. When the pins are used to
divide the supply, the gain is 0.5 V/V.
The AD8417-2 offers breakthrough performance without compro-
mising any of the robust application needs typical of solenoid
or motor control. The ability to reject PWM input common-mode
voltages and the zero drift architecture providing low offset and
offset drift allows the AD8417-2 to deliver total accuracy for these
demanding applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com