Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8205 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8205
Description  Bidirectional, Zero Drift, Current Sense Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8205 Datasheet HTML 7Page - Analog Devices AD8205 Datasheet HTML 8Page - Analog Devices AD8205 Datasheet HTML 9Page - Analog Devices AD8205 Datasheet HTML 10Page - Analog Devices AD8205 Datasheet HTML 11Page - Analog Devices AD8205 Datasheet HTML 12Page - Analog Devices AD8205 Datasheet HTML 13Page - Analog Devices AD8205 Datasheet HTML 14Page - Analog Devices AD8205 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Data Sheet
AD8417-2
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 14 of 15
SOLENOID CONTROL
High-Side Current Sense with a Low-Side
Switch
In the case of a high-side current sense with a low-side switch,
the PWM control switch is ground referenced. Tie an inductive load
(solenoid) to a power supply and place a resistive shunt between
the switch and the load (see Figure 34). An advantage of placing
the shunt on the high side is that the entire current, including the
recirculation current, is measurable because the shunt remains
in the loop when the switch is off. In addition, diagnostics are
enhanced because shorts to ground are detected with the shunt on
the high side.
In this circuit configuration, when the switch is closed, the common-
mode voltage decreases to near the negative rail. When the switch
is open, the voltage reversal across the inductive load causes the
common-mode voltage to be held one diode drop above the battery
by the clamp diode.
Figure 34. Low-Side Switch
High-Side Current Sense with a High-Side
Switch
The high-side current sense with a high-side switch configuration
minimizes the possibility of unexpected solenoid activation and
excessive corrosion (see Figure 35). In this case, both the switch
and the shunt are on the high side. When the switch is off, the
battery is removed from the load, which prevents damage from po-
tential shorts to ground while still allowing the recirculating current
to be measured and to provide diagnostics. Removing the power
supply from the load for the majority of the time that the switch
is open minimizes the corrosive effects that can be caused by the
differential voltage between the load and ground.
When using a high-side switch, the battery voltage is connected
to the load when the switch is closed, causing the common-mode
voltage to increase to the battery voltage. In this case, when
the switch is open, the voltage reversal across the inductive load
causes the common-mode voltage to be held one diode drop below
ground by the clamp diode.
Figure 35. High-Side Switch
High Rail Current Sensing
In the high rail current sensing configuration, the shunt resistor is
referenced to the battery. High voltage is present at the inputs of
the current sense amplifier. When the shunt is battery referenced,
the AD8417-2 produces a linear ground referenced analog output.
Additionally, the AD8214 provides an overcurrent detection signal
in as little as 100 ns (see Figure 36). This feature is useful in high
current systems where fast shutdown in overcurrent conditions is
essential.
Figure 36. High Rail Current Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com