Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8205 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8205
Description  Bidirectional, Zero Drift, Current Sense Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8205 Datasheet HTML 7Page - Analog Devices AD8205 Datasheet HTML 8Page - Analog Devices AD8205 Datasheet HTML 9Page - Analog Devices AD8205 Datasheet HTML 10Page - Analog Devices AD8205 Datasheet HTML 11Page - Analog Devices AD8205 Datasheet HTML 12Page - Analog Devices AD8205 Datasheet HTML 13Page - Analog Devices AD8205 Datasheet HTML 14Page - Analog Devices AD8205 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
AD8417-2
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 13 of 15
MOTOR CONTROL
3-Phase Motor Control
The AD8417-2 is ideally suited for monitoring current in 3-phase
motor applications.
The 250 kHz typical bandwidth of the AD8417-2 provides instanta-
neous current monitoring. Additionally, the typical low offset drift
of 0.1 µV/°C means that the measurement error between the two
motor phases is at a minimum over temperature. The AD8417-2
rejects PWM input common-mode voltages in the −2 V to +70 V
(with a 5 V supply) range. Monitoring the current on the motor
phase allows sampling of the current at any point and provides
diagnostic information, such as a short to GND and the battery. See
Figure 33 for the typical phase current measurement setup with the
AD8417-2.
H-Bridge Motor Control
Another typical application for the AD8417-2 is to form part of
the control loop in H-bridge motor control. In this case, place the
shunt resistor in the middle of the H-bridge to accurately measure
current in both directions by using the shunt available at the motor
(see Figure 32). Using an amplifier and shunt in this location is a
better solution than a ground referenced op amp because ground
is not typically a stable reference voltage in this type of application.
The instability of the ground reference causes inaccuracies in the
measurements that can be made with a simple ground referenced
op amp. The AD8417-2 measures current in both directions as the
H-bridge switches and the motor changes direction. The output of
the AD8417-2 is configured in an external referenced bidirectional
mode (see the Bidirectional Operation section).
Figure 32. H-Bridge Motor Control
Figure 33. 3-Phase Motor Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com