Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76232103 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # 76232103
Description  Projection Television
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

76232103 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button 76232103 Datasheet HTML 7Page - Toshiba Semiconductor 76232103 Datasheet HTML 8Page - Toshiba Semiconductor 76232103 Datasheet HTML 9Page - Toshiba Semiconductor 76232103 Datasheet HTML 10Page - Toshiba Semiconductor 76232103 Datasheet HTML 11Page - Toshiba Semiconductor 76232103 Datasheet HTML 12Page - Toshiba Semiconductor 76232103 Datasheet HTML 13Page - Toshiba Semiconductor 76232103 Datasheet HTML 14Page - Toshiba Semiconductor 76232103 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
- 11 -
LIGHT ENGINE REPLACEMENT
Cautions when replacing LIGHT ENGINE
LIGHT ENGINE UNIT:
A271 : LV-672 TB 0B ; 52HM85, LV-672 TB 0D ; 62HM85
and SK09.)
LIGHT ENGINE is a heart of the TV and emits high heat.
Make sure to replace it after turning off the TV and wait
for sufficient cool down. (More than one hour is recom-
mended.)
Do not impact during replacement; otherwise, some
parts may be damaged.
Do not touch optical lens. Adhesion of dirt may deterio-
rate its performance.
Do not loosen any screw other than those to be removed
for adjustment or replacement.
LIGHT ENGINE emits ultraviolet rays when the TV is
ON. Make sure to be careful.
Read DMD bias value described in alphabet from the
data bar code. In service mode, DMDB value is con-
verted and fixed by the following table.
Refer to Service Mode for adjusting the service mode.
DMDB
B00
C01
D02
E03
F04
DMD value in bar
code
Adjusted
value
(Hex)
1-2. Adjustment is made from service mode. The adjusting
items consist of CWDL, CWDH and DMDB.
When CW delay number of the data bar code is 0450:
Double 45.0 to form hexadecimal number (HEX).
The adjusted value becomes “5A” for CWDL and “00”
for CWDH.
If hexadecimal number forms 3 or 4 digits, the latter 2
digits indicate CWDL while the first 2 digits indicate
CWDH.
(For 3 digits, CWDH=0*)
Note:
For converting decimal number to hexadecimal num-
ber, see the conversion table on the next page.
CWDL
CWDH
0450 indicates
450
45.0
45.0 x 2=90
5A (hexadecimal)
1.
Replacement of Light Engine Unit
1-1. When Light Engine Unit is replaced with a new one,
adjustment is required. Adjusted values are described
in bar code, and the values of bar code must be con-
ve r ted to the adjusted values for the setup.
There are 2 types of bar code.
Serial bar code
Ex.
52A000A111111
Data bar code (CW: color wheel)
Ex.
A000000B1111
CWdelay number: 4digits
Inch size
Substrate serial numbers
Serial numbers
DMD bias value
(Including with E998Z, SK01 to SK04, SK06, SK08
Data bar code
Serial bar code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com