Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76232103 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # 76232103
Description  Projection Television
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

76232103 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button 76232103 Datasheet HTML 9Page - Toshiba Semiconductor 76232103 Datasheet HTML 10Page - Toshiba Semiconductor 76232103 Datasheet HTML 11Page - Toshiba Semiconductor 76232103 Datasheet HTML 12Page - Toshiba Semiconductor 76232103 Datasheet HTML 13Page - Toshiba Semiconductor 76232103 Datasheet HTML 14Page - Toshiba Semiconductor 76232103 Datasheet HTML 15Page - Toshiba Semiconductor 76232103 Datasheet HTML 16Page - Toshiba Semiconductor 76232103 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
– 13 –
PARTS REPLACEMENT IN LIGHT ENGINE
2 screws
FAN Hood
4 screws
Lamp FAN (SK01)
4 pins
Ballast FAN (SK03)
2 screws
2 screws
Formatter Board
Fan Bracket
1.
Replacement of Lamp FAN (SK01)
1-1. Replace the FAN for cooling Lamp (SK01), remove 2
screws on the FAN hood, and then remove 4 screws on
the FAN for cooling Lamp.
2.
Replacement of Ballast FAN (SK03)
2-1. Replace the FAN for cooling Ballast Power Unit (SK03),
remove the 4 pins by pressing into the unit, and then
remove the FAN for cooling Ballast Power Unit.
NOTE:
Reinstalling the FAN for cooling Ballast Power Unit,
attach the 4 pins by using removed them after replacing
the FAN.
3.
Replacement of DMD FAN (SK02) and FAN
Transfer Cable (SK09)
3-1. Replace the FAN for cooling Formatter Board, detach
the bracket with FAN by removing the 4 screws on the
bracket.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com