Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76232103 Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # 76232103
Description  Projection Television
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

76232103 Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button 76232103 Datasheet HTML 13Page - Toshiba Semiconductor 76232103 Datasheet HTML 14Page - Toshiba Semiconductor 76232103 Datasheet HTML 15Page - Toshiba Semiconductor 76232103 Datasheet HTML 16Page - Toshiba Semiconductor 76232103 Datasheet HTML 17Page - Toshiba Semiconductor 76232103 Datasheet HTML 18Page - Toshiba Semiconductor 76232103 Datasheet HTML 19Page - Toshiba Semiconductor 76232103 Datasheet HTML 20Page - Toshiba Semiconductor 76232103 Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
WARNING: BEFORE SERVICING THIS CHASSIS, READ THE "X-RAY RADIATION PRECAUTION", "SAFETY PRE-
CAUTION" AND "PRODUCT SAFETY NOTICE" ON PAGE 3 OF THIS MANUAL.
CAUTION: The international hazard symbols "
" in the schematic diagram and the parts list designate components
which have special characteristics important for safety and should be replaced only with types identical to those in the
original circuit or specified in the parts list. The mounting position of replacements is to be identical with originals.
Before replacing any of these components, read carefully the PRODUCT SAFETY NOTICE. Do not degrade the safety
of the receiver through improper servicing.
NOTICE:
The part number must be used when ordering parts, in order to assist in processing, be sure to include the
Model number and Description.
The PC board assembly with * mark is no longer available after the end of the production.
Capacitors ............. CD
: Ceramic Disk
PF : Plastic Film
EL : Electrolytic
Resistors ............... CF
: Carbon Film
CC : Carbon Composition
MF : Metal Film
OMF : Oxide Metal Film
VR : Variable Resistor
FR : Fusible Resistor
(All CD and PF capacitors are
±5%, 50V and all resistors, ±5%, 1/6W unless otherwise noted.)
– 17 –
Location
Parts No. Description
No.
Location
Parts No. Description
No.
Model : 52HM85/62HM85
CHASSIS AND CABINET REPLACEMENT PARTS LIST
#1 : [52HM85]
#2 : [62HM85]
CAPACITORS
C101
76797339 ELECTROLYTIO, 50V 3.3UF M
C102
76665221 ELECTROLYTIC, 10V 220UF M 3A
C105
76100102 CERAMIC CHIP, 50V F 1000PF Z
C106
76669479 ELECTROLYTIC, 50V 4.7UF M
C107
76666221 ELECTROLYTIC, 16V 220UF M
C108
76665221 ELECTROLYTIC, 10V 220UF M 3A
C109
76100104 CERAMIC CHIP, 25V F 0.1UF Z
C110
76794101 ELECTROLYTIC, 16V 100UF M
C601
76109122 CERAMIC CHIP, 50V B 1200PF K
C602
76109122 CERAMIC CHIP, 50V B 1200PF K
C603
76073084 ELECTROLYTIC, 50V 4.7UF M 3A
C604
76073084 ELECTROLYTIC, 50V 4.7UF M 3A
C605
76073086 ELECTROLYTIC, 50V 10UF M 3A
C606
76073086 ELECTROLYTIC, 50V 10UF M 3A
C607
76073053 ELECTROLYTIC, 25V 100UF M 3A
C608
76073086 ELECTROLYTIC, 50V 10UF M 3A
C612
76073054 ELECTROLYTIC, 25V 220UF M 3A
C621
76109822 CERAMIC CHIP, 50V B 8200PF K
C622
76109822 CERAMIC CHIP, 50V B 8200PF K
C661
76073084 ELECTROLYTIC, 50V 4.7UF M 3A
C662
76073086 ELECTROLYTIC, 50V 10UF M 3A
C663
76073086 ELECTROLYTIC, 50V 10UF M 3A
C665
76109103 CERAMIC CHIP, 50V B 0.01UF K
C666
76073084 ELECTROLYTIC, 50V 4.7UF M 3A
C667
76794100 ELECTROLYTIC, 16V 10UF M
C668
76105560 CERAMIC CHIP, 50V CH 56PF J
C669
76105560 CERAMIC CHIP, 50V CH 56PF J
C680
76073073 ELECTROLYTIC, 35V 2200UF M 3A
C681
76109103 CERAMIC CHIP, 50V B 0.01UF K
C682
76073082 ELECTROLYTIC, 50V 2.2UF M 3A
C683
76073053 ELECTROLYTIC, 25V 100UF M 3A
C684
76795470 ELECTROLYTIC, 25V 47UF M
C801
76503004 PLASTIC FILM, AC275V 0.47UF M
C803
76503002 PLASTIC FILM, AC275V 0.22UF M
C805
76092281 CERAMIC DISC, AC250V E 4700PF
C809
76086067 CHEMICON 200V 102M LGQ2D102MESHTL
C810
76086067 CHEMICON 200V 102M LGQ2D102MESHTL
C811
76092557 CERAMIC DISC, AC250V E 2200PF M
C812
76092557 CERAMIC DISC, AC250V E 2200PF M
C814
76092553 CERAMIC DISC, AC250V B 470PF K
C816
76092555 CERAMIC DISC, AC250V E 1000PF M
C840
76679220 ELECTROLYTIC, 250V 22UF M 3A
C841
76073043 ELECTROLYTIC, 16V 2200UF M 3A
C842
76503041 PLASTIC FILM , 63V 0.1UF J
C843
76092333 CERAMIC DISC, 2KV 100PF K
C845
76073082 ELECTROLYTIC, 50V 2.2UF M 3A
C848
76073039 ELECTROLYTIC, 16V 220UF M 3A
C861
76092342 CERAMIC DISC, 2KV R 560PF K
C862
76503045 PLASTIC FILM, 63V 0.22UF J
C863
76212221 CERAMIC DISC, 50V B 220PF K
C864
76590681 PLASTIC FILM, 50V 680PF J
C865
76073063 ELECTROLYTIC, 35V 4.7UF M 3A
C866
76820223 PLASTIC FILM, 630V 0.022UF J
C868
76073068 ELECTROLYTIC, 35V 100UF M 3A
C883
76567104 PLASTIC FILM, 50V 0.1UF J
C884
76214331 CERAMIC DISC, 500V B 330PF K
C885
76073191 ELECTROLYTIC, 35V 1500UF M 3A
C886
76214331 CERAMIC DISC, 500V B 330PF K
C887
76676470 ELECTROLYTIC, 100V 47UF M 3A
C888
76214331 CERAMIC DISC, 500V B 330PF K
C889
76073171 ELECTROLYTIC, 25V 820UF M 3A
C890
76214331 CERAMIC DISC, 500V B 330PF K
C891
76073161 ELECTROLYTIC, 16V 3900UF M 3A
C892
76214331 CERAMIC DISC, 500V B 330PF K
C893
76073173 ELECTROLYTIC, 10V 3900UF M 3A
C894
76214331 CERAMIC DISC, 500V B 330PF K
C895
76073075 ELECTROLYTIC, 35V 4700UF M 3A
C898
76503041 PLASTIC FILM , 63V 0.1UF J
C8200
76073067 ELECTROLYTIC, 35V 47UF M 3A
C8201
76503047 PLASTIC FILM, 63V 0.33UF J
C8202
76073169 ELECTROLYTIC, 25V 470UF M 3A
C8210
76073172 ELECTROLYTIC, 25V 1000UF M 3A
C8211
76503041 PLASTIC FILM , 63V 0.1UF J
C8212
76214221 CERAMIC DISC, 500V B 220PF K
C8213
76503041 PLASTIC FILM , 63V 0.1UF J
C8214
76617006 ELECTROLYTIC, 25V 820UF M
C8215
76073138 ELECTROLYTIC, 10V 220UF M 3A
C8220
76073068 ELECTROLYTIC, 35V 100UF M 3A
C8221
76073169 ELECTROLYTIC, 25V 470UF M 3A
C8224
76073087 ELECTROLYTIC, 50V 22UF M 3A
C8225
76073141 ELECTROLYTIC, 10V 1000UF M 3A
C8240
76073038 ELECTROLYTIC, 16V 100UF M 3A
C8241
76503047 PLASTIC FILM, 63V 0.33UF J
C8242
76073141 ELECTROLYTIC, 10V 1000UF M 3A
C8250
76073141 ELECTROLYTIC, 10V 1000UF M 3A
C8251
76567334 PLASTIC FILM, 50V 0.33UF J
C8252
76073141 ELECTROLYTIC, 10V 1000UF M 3A
C8253
76669339 ELECTROLYTIC, 50V 3.3UF M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com