Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83310S-R Datasheet(PDF) 5 Page - Winbond

Part # W83310S-R
Description  Bus Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83310S-R Datasheet(HTML) 5 Page - Winbond

  W83310S-R Datasheet HTML 1Page - Winbond W83310S-R Datasheet HTML 2Page - Winbond W83310S-R Datasheet HTML 3Page - Winbond W83310S-R Datasheet HTML 4Page - Winbond W83310S-R Datasheet HTML 5Page - Winbond W83310S-R Datasheet HTML 6Page - Winbond W83310S-R Datasheet HTML 7Page - Winbond W83310S-R Datasheet HTML 8Page - Winbond W83310S-R Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
W83310S-R/N
Publication Release Date: April 13, 2005
Revision 1.0
3
SYMBOL
PIN
FUNCTION
N/C
1
No internal connection.
GND
2
Ground.
VSENSE
3
Feedback pin for regulating VTT.
VREF
4
Internal reference voltage of VDDQ/2.
VDDQ
5
Input for internal reference equal to VDDQ/2.
AVIN
6
Analog input pin.
PVIN
7
Power input pin.
VTT
8
Output voltage for connection to termination resistors.
5. APPLICATION CIRCUIT
- W83310S-R
C
1u
C
1u
VOU
U
W83310S-R
1
2
3
4
8
7
6
5
VI
GN
VRE
VOU
VCNT
VCNT
VCNT
VCNT
2.5V
C1
1000u
Q
2N7002
3
1
2
C
1u
3.3V
C
1000u
Enable#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com