Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83310S-R Datasheet(PDF) 8 Page - Winbond

Part # W83310S-R
Description  Bus Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83310S-R Datasheet(HTML) 8 Page - Winbond

Back Button W83310S-R Datasheet HTML 4Page - Winbond W83310S-R Datasheet HTML 5Page - Winbond W83310S-R Datasheet HTML 6Page - Winbond W83310S-R Datasheet HTML 7Page - Winbond W83310S-R Datasheet HTML 8Page - Winbond W83310S-R Datasheet HTML 9Page - Winbond W83310S-R Datasheet HTML 10Page - Winbond W83310S-R Datasheet HTML 11Page - Winbond W83310S-R Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
W83310S-R/N
Publication Release Date: April 13, 2005
Revision 1.0
6
7. ELECTRICAL CHARACTERISTICS
AC CHARACTERISTICS
W83310S-R
VIN=2.5V,VCNTL=3.3V,VREF=1.25V,Cout=100uF, TA = 0°C to +70°C
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Output Offset Voltage
VOS
-5
0
+5
mV
IOUT=0A
0.8
Loading:
0A 1.5A
Load Regulation
0.8
%
Loading:
0A -1.5A
VIN
2.5
Input Voltage Range
VCNTL
3.3
V
Operating Current of VCNTL
ICNTL
0.5
1
mA
No Load(IOUT=0A)
0.4
V
Output=High
Shutdown Threshold Trigger
0.1
V
Output=Low
Shutdown Current
ISHDN
10
uA
VREF<0.2V
Loading=0.7A
Note: Load regulation is tested with a 10ms pulse current and measuring VOUT.
W83310S-N
AVIN=3.3V; PVIN=2.5V is recommended, VDDQ =2.5V,VREF=1.25V,Cout=100uF, TA = 0°C to +70°C
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Output Offset Voltage
VOS
-5
0
+5
mV
IOUT=0A
0.8
Loading:
0A 1.5A
Load Regulation
0.8
%
Loading:
0A -1.5A
VDDQ
2.5
PVIN
2.5
Input Voltage Range
AVIN
3.3
V
Operating Current of AVIN
IAVIN
0.5
1
mA
No Load(IOUT=0A)
Note: Load regulation is tested with a 10ms pulse current and measuring VTT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com