Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83310S-R Datasheet(PDF) 13 Page - Winbond

Part # W83310S-R
Description  Bus Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83310S-R Datasheet(HTML) 13 Page - Winbond

Back Button W83310S-R Datasheet HTML 6Page - Winbond W83310S-R Datasheet HTML 7Page - Winbond W83310S-R Datasheet HTML 8Page - Winbond W83310S-R Datasheet HTML 9Page - Winbond W83310S-R Datasheet HTML 10Page - Winbond W83310S-R Datasheet HTML 11Page - Winbond W83310S-R Datasheet HTML 12Page - Winbond W83310S-R Datasheet HTML 13Page - Winbond W83310S-R Datasheet HTML 14Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
W83310S-R/N
Publication Release Date: April 13, 2005
Revision 1.0
11
10. ORDERING INFORMATION
PART NUMBER
PACKAGE TYPE
PRODUCTION FLOW
W83310S-R
8PIN SOP
Commercial, 0
°C to +70°C
W83310S-N
8PIN SOP
Commercial, 0
°C to +70°C
11. HOW TO READ THE TOP MARKING
Left line: Winbond logo
1
st & 2nd line: W883310S-R/N – the part number
3rd line: Tracking code Tracking code 249 O A
249: packages assembled in Year 02’, week 49
O: assembly house ID; O means OSE, G means GR, etc.
B: the IC version
W83
310S-X
249OB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com