Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3 Datasheet(PDF) 18 Page - 4D Systems Pty Ltd

Part # SW3
Description  microOLED Display Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

SW3 Datasheet(HTML) 18 Page - 4D Systems Pty Ltd

Back Button SW3 Datasheet HTML 12Page - 4D Systems Pty Ltd SW3 Datasheet HTML 13Page - 4D Systems Pty Ltd SW3 Datasheet HTML 14Page - 4D Systems Pty Ltd SW3 Datasheet HTML 15Page - 4D Systems Pty Ltd SW3 Datasheet HTML 16Page - 4D Systems Pty Ltd SW3 Datasheet HTML 17Page - 4D Systems Pty Ltd SW3 Datasheet HTML 18Page - 4D Systems Pty Ltd SW3 Datasheet HTML 19Page - 4D Systems Pty Ltd SW3 Datasheet HTML 20Page - 4D Systems Pty Ltd  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
microOLED Display Modules
uOLED-160G2
Page 18 of 20
www.4dsystems.com.au
16. Hardware Revision History
Revision Number
Date
Description
4.0
24/09/2012
Initial Release for 160G2 version
5.0
26/11/2012
R16 not mounted, previously a 1M2 pull down resistor for SD card
chip select
7.0
04/05/2015
3.3 V Regulator changed from 150mA version, to 250 mA
version, giving higher current output capability to Users.
R16 mounted as 10K pull up resistor, previously not
mounted on Revision 3.0 hardware.
7.0
xx/05/2018
Component change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com