Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3 Datasheet(PDF) 16 Page - 4D Systems Pty Ltd

Part # SW3
Description  microOLED Display Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

SW3 Datasheet(HTML) 16 Page - 4D Systems Pty Ltd

Back Button SW3 Datasheet HTML 12Page - 4D Systems Pty Ltd SW3 Datasheet HTML 13Page - 4D Systems Pty Ltd SW3 Datasheet HTML 14Page - 4D Systems Pty Ltd SW3 Datasheet HTML 15Page - 4D Systems Pty Ltd SW3 Datasheet HTML 16Page - 4D Systems Pty Ltd SW3 Datasheet HTML 17Page - 4D Systems Pty Ltd SW3 Datasheet HTML 18Page - 4D Systems Pty Ltd SW3 Datasheet HTML 19Page - 4D Systems Pty Ltd SW3 Datasheet HTML 20Page - 4D Systems Pty Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
microOLED Display Modules
uOLED-160G2
Page 16 of 20
www.4dsystems.com.au
15. Specifications
ABSOLUTE MAXIMUM RATINGS
Operating ambient temperature ................................................................................................... -35°C to +75°C
Storage temperature ...................................................................................................................... -40°C to +80°C
Voltage on any digital input pin with respect to GND ....................................................................... -0.3V to 6.0V
Voltage on SWITCH pin with respect to GND ................................................................................... -0.3V to 6.0V
Voltage on VCC with respect to GND ................................................................................................. -0.3V to 6.0V
Maximum current out of GND pin .............................................................................................................. 300mA
Maximum current into VCC pin .................................................................................................................. 250mA
Maximum output current sunk/sourced by any pin ....................................................................................... 4mA
Total power dissipation .................................................................................................................................. 1.0W
NOTE: Stresses above those listed here may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at those or any other conditions above those indicated in the
recommended operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
4.0
5.0
5.5
V
Operating Temperature
-30
--
+70
°C
Input Low Voltage (VIL)
RX Pin
GND
--
0.8
V
Input High Voltage (VIH)
RX Pin
2.0
3.3
5.0
V
Reset Pulse
External Open Collector
2.0
--
--
µs
Operational Delay
Power-Up or External Reset until the
module has been able to communicate
or until the application has started
--
3000
--
ms
GLOBAL CHARACTERISTICS BASED ON OPERATING CONDITIONS
Parameter
Conditions
Min
Typ
Max
Units
Supply Current (ICC)
VCC = 5.0V, very dependent on
operating conditions, uSD usage,
screen display colour (ie White)
14
60
200
mA
Low Power Current (ICC)
VCC = 5.0V, Contrast = 0
300
500
--
µA
Output Low Voltage (VOL)
TX, IO1, IO2, IOL = 3.4mA
--
--
0.4
V
Output High Voltage (VOH)
TX, IO1, IO2, IOL = -2.0mA
2.4
--
3.3
V
A/D Converter Resolution
IO1 Pin
--
8
10
bits
Capacitive Loading
All pins
--
--
50
pF
Flash Memory Endurance
PmmC/4DGL Programming
--
1000
--
E/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com