Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3 Datasheet(PDF) 3 Page - 4D Systems Pty Ltd

Part # SW3
Description  microOLED Display Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

SW3 Datasheet(HTML) 3 Page - 4D Systems Pty Ltd

  SW3 Datasheet HTML 1Page - 4D Systems Pty Ltd SW3 Datasheet HTML 2Page - 4D Systems Pty Ltd SW3 Datasheet HTML 3Page - 4D Systems Pty Ltd SW3 Datasheet HTML 4Page - 4D Systems Pty Ltd SW3 Datasheet HTML 5Page - 4D Systems Pty Ltd SW3 Datasheet HTML 6Page - 4D Systems Pty Ltd SW3 Datasheet HTML 7Page - 4D Systems Pty Ltd SW3 Datasheet HTML 8Page - 4D Systems Pty Ltd SW3 Datasheet HTML 9Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
microOLED Display Modules
uOLED-160G2
Page 3 of 20
www.4dsystems.com.au
1. Description
The uOLED-160G2 is an impressive OLED display
module in the 4D Systems microOLED graphics display
range. Combining a resolution of 1.7” 160x128 pixels
with 65K True to Life colours, this display module is
perfect for animations, slideshows and other
multimedia presentations. It is the ideal size for
attractive embedded display applications.
This module brings to life a breath-taking 1.7” Passive
Matrix OLED (PMOLED) screen, which is the biggest
uOLED module available in its range. Driving the
module and its peripherals is the GOLDELOX
processor, a very capable chip which provides
impressive graphics power, programmed with 4D
Systems Workshop IDE Software.
4D Systems Workshop enables graphic solutions to be
constructed rapidly and with ease due to its design
being solely for 4D’s graphics controllers.
The uOLED-160G2 has a modest but comprehensive
range of features suited for an application requiring a
bright eye catching display, an analog input, Dallas 1-
wire sensor capability, audio generation, or simply
digital I/O. This is truly an impressive little module.
2. Features
• Low-cost 1.7” OLED display graphics user interface
solution.
• 160 x 128 resolution, RGB 65K true to life colours,
PMOLED Screen.
• No back lighting with near 180° viewing angle.
• Easy 10 pin interface to any host device: 3.3Vout,
IO2, GND, IO1, RESET, GND, RX, TX, +5V, 5V OUT
• Powered by the 4D-Labs GOLDELOX processor (also
available as separate OEM IC).
• 10KB of flash memory for user code storage and 510
bytes of RAM for user variables (255 x 16bit vars).
• Asynchronous hardware serial UART port with auto-
baud, TTL interface, with 300 to 600K baud
• 2 x General Purpose I/O pins.
• IO1 supports:
◦
Digital I/O
◦
A/D Converter with 8/0 bit resolution
◦
Complex sound generation
◦
Dedicated RTTTL tune engine
◦
Multi-Switch Joystick, Buttons
◦
Dallas 1-Wire
• IO2 supports:
◦
Digital I/O
◦
Complex sound generation
◦
Dedicated RTTTL tune engine
• On board micro-SD memory card adaptor for
multimedia storage and data logging purposes. HC
memory card support is also available for cards
larger than 4GB.
• Built in extensive 4DGL graphics and system library
functions
• Display full colour images, animations, icons and
video clips (no audio support for video).
• Supports all available Windows fonts and characters
(imported as external fonts).
• 4.0V to 5.5V range operation (single supply),
nominal 5.0V.
• Module dimensions: 52.1 x 36.0 x 13.8 mm
(including mounting tabs and header pins)
• Weight ~ 13g.
• Display Viewing Area: 33.6 x 27.0 mm
• RoHS Compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com