Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33975AEK Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PC33975AEK
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33975AEK Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PC33975AEK Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33975
STATIC ELECTRICAL CHARACTERISTICS
SWITCH INPUT (CONTINUED)
Input Offset Current when Selected as Analog
Ioffset
-2.0
1.4
2.0
µA
Input Offset Voltage when Selected as Analog
V(SP&SGinputs) to AMUX Output
Voffset
-10
2.5
10
mV
Analog Operational Amplifier Output Voltage
Sink 250 µA
VOL
–
10
30
mV
Analog Operational Amplifier Output Voltage
Source 250 µA
VOH
VDD - 0.1
–
–
V
Switch Detection Threshold
Vth
3.70
4.0
4.3
V
Temperature Monitor (8), (9)
TLIM
155
–
185
°C
Temperature Monitor Hysteresis (9)
TLIM(hys)
5.0
10
15
°C
Notes
8.
Thermal shutdown of 16 mA and 32 mA pull-up and pull-down current sources only. 4.0 mA and 2.0 mA current source/sink and all
other functions remain active.
9.
This parameter is guaranteed by design; however it is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions of 3.0 V ≤ VDD ≤ 5.5 V, 8.0 V ≤ VPWR ≤ 28V, -40°C ≤ TC ≤ 125°C unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com