Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33975AEK Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # PC33975AEK
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33975AEK Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button PC33975AEK Datasheet HTML 12Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 13Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 14Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 15Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 16Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 17Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 18Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 19Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33975
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
TRI-STATE REGISTER
The tri-state command is use to set the SPn or SGn input
node as high impedance (refer to Table 10). By setting the
Tri-State Register bit to logic [1], the input will be high
impedance regardless of the metallic command setting. The
comparator on each input remains active. This command
allows the use of each input as a comparator with a 4.0 V
threshold. The MCU may change or update the Tri-State
Register via software at any time in Normal mode.
Table 9. Wetting Current Timer Enable Command
Wetting Current Timer Commands
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
1
1
1
X
X
X
X
X
X
X
X
sp7 sp6 sp5 sp4 sp3 sp2 sp1 sp0
0
0
0
0
1
0
0
0
X
X
sg1
3
sg1
2
sg1
1
sg1
0
sg9 sg8 sg7 sg6 sg5 sg4 sg3 sg2 sg1 sg0
Table 10. Tri-State Command
Tri-State Commands
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
1
0
0
1
X
X
X
X
X
X
X
X
sp7 sp6 sp5 sp4 sp3 sp2 sp1 sp0
0
0
0
0
1
0
1
0
X
X
sg13 sg12 sg11 sg10 sg9 sg8 sg7 sg6 sg5 sg4 sg3 sg2 sg1 sg0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com