Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33975AEK Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # PC33975AEK
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33975AEK Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button PC33975AEK Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 12Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 13Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 14Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 15Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33975
FUNCTIONAL DESCRIPTIONS
FUNCTIONAL TERMINAL DESCRIPTION
WAKE INPUT (WAKE)
The WAKE terminal is an open-drain output and a wake-up
input. The terminal is designed to control a power supply
Enable terminal. In the Normal mode, the WAKE terminal is
low. In the Sleep mode, the WAKE terminal is high. The
WAKE
terminal has a pull-up to the internal +5.0 V supply.
In Sleep mode with the WAKE terminal high, falling edge of
WAKE
will place the 33975 in Normal mode. In Sleep mode
with VDD applied, the INT terminal must be high for negative
edge of WAKE to wake up the device. If VDD is not applied to
the device in Sleep mode, INT does not affect WAKE
operation.
LOAD SUPPLY VOLTAGE (VPWR)
The VPWR terminal is battery input and Power-ON Reset
to the 33975 IC. The VPWR terminal requires external
reverse battery and transient protection. Maximum input
voltage on VPWR is 50 V. All wetting, sustain, and internal
logic current is provided from the VPWR terminal.
LOGIC VOLTAGE (VDD)
The VDD input terminal is used to determine logic levels
on the microprocessor interface (SPI) terminals. Current from
VDD is used to drive SO output and the pull-up current for CS
and INT terminals. VDD must be applied for wake-up from
negative edge of CS or INT.
GROUND (GND)
The GND terminal provides ground for the IC as well as
ground for inputs programmed as switch-to-battery inputs.
PROGRAMMABLE SWITCHES (SP0–SP7)
The 33975 device has 8 switch inputs capable of being
programmed to read switch-to-ground or switch-to-battery
contacts. The input is compared with a 4.0 V reference.
When programmed to be switch-to-battery, voltages greater
than 4.0 V are considered closed. Voltages less than 4.0 V
are considered open. The opposite holds true when inputs
are programmed as switch-to-ground. Programming features
are defined in Table 6 through Table 11 in the Functional
Device Operation section of this datasheet beginning on
page 14. Voltages greater than the VPWR supply voltage will
source current through the SP inputs to the VPWR terminal.
Transient battery voltages greater than 38/40 V must be
clamped by an external device.
SWITCH-TO-GROUND (SG0–SG13)
The SGn terminals are switch-to-ground inputs only. The
input is compared with a 4.0 V reference. Voltages greater
than 4.0 V are considered open. Voltages less than 4.0 V are
considered closed. Programming features are defined in
Table 6 through Table 11 in the Functional Device Operation
section of this datasheet beginning on page 14. Voltages
greater than the VPWR supply voltage will source current
through the SG inputs to the VPWR terminal. Transient
battery voltages greater than 38/40 V must be clamped by an
external device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com