Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33975A Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PC33975A
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33975A Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PC33975A Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33975
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 3. 33975 Terminal Connections
Table 2. Terminal Definitions
A functional description of each terminal can be found in the Functional Terminal Description section on page 11.
Terminal
Terminal
Name
Formal Name
Description
1
GND
Ground
Ground for logic, analog, and switch-to-battery inputs.
2
SI
SPI Slave In
SPI control data input terminal from MCU to 33975.
3
SCLK
Serial Clock
SPI control clock input terminal.
4
CS
Chip Select
SPI control chip select input terminal from MCU to 33975. Logic [0] allows data
to be transferred in.
5–8
25–28
SPn
Programmable Switches 0–3
Programmable Switches 4–7
Programmable switch-to-battery or switch-to-ground input terminals.
9–15,
18–24
SGn
Switch-to-Ground Inputs 0–6
Switch-to-Ground Inputs 13–7
Switch-to-ground input terminals.
16
VPWR
Battery Input
Battery supply input terminal. This terminal requires external reverse battery
protection.
17
WAKE
Wake-Up
Open drain wake-up output is designed to control a power supply enable
terminal.
29
INT
Interrupt
Open-drain output to MCU is used to indicate input switch change of state.
30
AMUX
Analog Multiplex Output
Analog multiplex output.
31
VDD
Voltage Drain Supply
3.3/5.0 V supply sets SPI communication level for SO driver.
32
SO
SPI Slave Out
Provides digital data from 33975 to MCU.
SO
1
SP7
SP6
SP5
SP4
SG7
SG8
SG9
SG10
SG11
SG13
WAKE
SG12
INT
VDD
AMUX
GND
SP0
SP1
SP2
SP3
SG0
SG1
SG2
SG3
SG4
SG6
VPWR
SG5
CS
SI
SCLK
8
9
10
11
12
13
14
15
16
3
4
5
6
7
2
32
25
24
23
22
21
20
19
18
17
30
29
28
27
26
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com