Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33975A Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # PC33975A
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33975A Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  PC33975A Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33975
MAXIMUM RATINGS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these limits may cause malfunction or permanent
damage to the device.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
VDD Supply Voltage
–
-0.3 to 7.0
VDC
CS,
SI, SO, SCLK, INT, AMUX
–
-0.3 to 7.0
VDC
WAKE
–
-0.3 to 40
VDC
VPWR Supply Voltage
–
-0.3 to 50
VDC
Switch Input Voltage Range
MC33975
PC339775A
–
-14 to 38
-14 to 40
VDC
Frequency of SPI Operation (VDD = 5.0 V)
–
6.0
MHz
ESD Voltage (1)
Human Body Model (2)
Applies to all non-input terminals
Machine Model
Charge Device Model
Corner Terminals
Interior Terminals
VESD
±4000
±2500
±200
750
500
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
Case
TA
TJ
TC
-40 to 125
-40 to 150
-40 to 125
°C
Storage Temperature
TSTG
-55 to 150
°C
Power Dissipation (3)
PD
1.7
W
Thermal Resistance
Junction to Ambient
Between the Die and the Exposed Die Pad (4)
RθJA
RθJC
71
1.2
°C/W
Peak Package Reflow Temperature During Solder Mounting (5)
TSOLDER
245
°C
Notes
1.
ESD testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (CZAP = 200
pF, RZAP = 0 Ω), and the Charge Device Model.
2.
All Programmable Switches (SP) and Switch-to-Ground (SG) input terminals when tested individually.
3.
Maximum power dissipation at TJ =150°C junction temperature with no heatsink used.
4.
Thermal resistance between the die and the exposed die pad.
5.
Terminal soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits
may cause malfunction or permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com