Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33975A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # PC33975A
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33975A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  PC33975A Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Document order number: MC33975
Rev 4.0, 08/2005
Freescale Semiconductor
Technical Data
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Multiple Switch Detection
Interface with Suppressed
Wake-Up and 32mA Wetting
Current
Freescale offers multiple Switch Detection Interface Devices. The
33975 Multiple Switch Detection Interface with Suppressed Wake-Up
is designed to detect the closing and opening of up to 22 switch
contacts. The switch status, either open or closed, is transferred to the
microprocessor unit (MCU) through a serial peripheral interface (SPI).
The device also features a 22-to-1 analog multiplexer for reading
inputs as analog.
The 33975 device has two modes of operation, Normal and Sleep.
Normal mode allows programming of the device and supplies switch
contacts with pull-up or pull-down current as it monitors switch change
of state. The Sleep mode provides low quiescent current, which makes
the 33975 ideal for automotive and industrial products requiring low
sleep state currents.
Improvements are a programmable interrupt timer for Sleep mode
that can be disabled, switch detection currents of 32 mA and 4.0 mA
for switch-to-ground inputs, and an interrupt bit that can be reset.
Features
• Designed to Operate 5.5 V ≤ VPWR ≤ 28 V
• Switch Input Voltage Range -14 V to VPWR
• Interfaces Directly to Microprocessor Using 3.3 V/5.0 V SPI
Protocol
• Selectable Wake-Up on Change of State
• Selectable Wetting Current (32 mA or 4.0 mA for switch-to-ground
inputs)
• 8 Programmable Inputs (Switches to Battery or Ground)
• 14 Switch-to-Ground Inputs
•VPWR Standby Current 100 µA Typical, VDD Standby Current 20 µA Typical
• Pb-free 32-terminal suffix EK
Figure 1. 33975 Simplified Application Diagram
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33975EK/R2
-40°C to 125°C
32 SOICW-EP
PC33975AEK/R2
EK Suffix (Pb-Free)
98ARL10543D
32-TERMINAL SOICW EP
33975
33975A
MULTIPLE SWITCH
DETECTION INTERFACE WITH
SUPPRESSED WAKE-UP
33975
VBAT
VBAT
SP0
SP1
SP7
SG0
SG1
SG12
SG13
VPWR
VDD
AMUX
WAKE
GND
INT
SO
SI
SCLK
CS
MCU
AN0
INT
MISO
MOSI
SCLK
CS
Power Supply
LVI
Watchdog
Reset
Enable
VBAT
VDD
VDD


Similar Part No. - PC33975A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC339 RENESAS-PC339 Datasheet
236Kb / 13P
LOW POWER QUAD COMPARATOR
logo
Freescale Semiconductor...
PC33926PNB FREESCALE-PC33926PNB Datasheet
665Kb / 24P
5.0 A Throttle Control H-Bridge
PC33926PNB/R2 FREESCALE-PC33926PNB/R2 Datasheet
778Kb / 25P
5.0 A Throttle Control H-Bridge
PC33926PNBR2 FREESCALE-PC33926PNBR2 Datasheet
665Kb / 24P
5.0 A Throttle Control H-Bridge
logo
Motorola, Inc
PC33981PNA/R2 MOTOROLA-PC33981PNA/R2 Datasheet
469Kb / 24P
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
More results

Similar Description - PC33975A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-Up
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
CD1030 NXP-CD1030 Datasheet
1Mb / 67P
33 channel multiple switch detection interface with programmable wetting current
Rev. 5.0, 7/2018
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com