Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8FS-G10024CD-R Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # S8FS-G10024CD-R
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G10024CD-R Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button S8FS-G10024CD-R Datasheet HTML 7Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 8Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 9Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 10Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 11Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 12Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 13Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 14Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
S8FS-G
11
Ratings, Characteristics, and Functions
Standard Compliance
• The input voltage range for compliance with EC Directives and other safety standards (UL, EN, etc.) is 90 to 264 VAC.
• EN/IEC 61558-2-16
To comply with EN/IEC 60204-1 (Machine Safety), a transformer is required in the control circuit. If, however, a Power Supply that has a built-
in transformer that complies with EN/IEC 6155-8-2-16 is used, an external transformer is not required.
• Safety standard targets during a DC input
*
During a DC input, UL 62368-1, cUR (CSA C22.2 No. 62368-1), EN/IEC 62368-1, EN 50178, EN/IEC 61558-2-16, and EN/IEC 60204-1 are
safety standard targets. (However, the input voltage range is 120 to 320 VDC. The safety standards during DC input are not acquired for the
S8FS-G60048
@.)
It is possible to comply with the safety standards by connecting a UL-authenticated fuse. Select a UL-authenticated fuse that satisfies the
following conditions:
S8FS-G015
@@/030@@ (320 VDC or above, 3 A)
S8FS-G050
@@ (320 VDC or above, 4 A)
S8FS-G100
@@ (320 VDC or above, 8 A)
S8FS-G150
@@ (320 VDC or above, 10 A)
S8FS-G300
@@ (320 VDC or above, 12 A)
S8FS-G600
@@ (320 VDC or above, 20 A)
• To comply with the PELV output of the EN/IEC 60204-1, ground the output negative side (-V) to PE.
*
* Applicable to products produced from May 2018
Efficiency
The value is when both rated output voltage and rated output current are satisfied.
Input
Voltage range
Do not use an inverter output for the Power Supply. Inverters with an output frequency of
50/60 Hz are available, but the rise in the internal temperature of the Power Supply may
result in ignition or burning.
Frequency
Current
The value is when both rated output voltage and rated output current are satisfied.
Leakage current
The values are determined according to the Act on Power Supply Safety of Electrical
Appliances and Materials.
Inrush current
(for a cold start at 25°C)
For a cold start at 25°C. Refer to the following figure.
Output
Voltage adjustment range
If the output voltage adjuster (V. ADJ) is turned, the voltage will increase by more than +15%
of the voltage adjustment range. When adjusting the output voltage, confirm the actual
output voltage from the Power Supply and be sure that the load is not damaged.
Ripple & Noise voltage
The value is when both rated output voltage and rated output current are satisfied.
A characteristic when the ambient operating temperature is 25°C.
Input variation influence
This is the maximum variation in the output voltage when the input voltage is gradually
changed within the allowable input voltage range at the rated output voltage and rated
output current.
Load variation influence
This is the value when the output current is changed from 0 A to the rated output current
while the input voltage is within the allowable input voltage.
Startup time
The value is when both rated output voltage and rated output current are satisfied.
For a cold start at 25°C. Refer to the following figure.
Hold time
The value is when both rated output voltage and rated output current are satisfied.
At 25°C. Refer to the following figure.
Additional
functions
Overvoltage protection
Refer to Overvoltage Protection on page 18 for the time when input voltage shuts off and
input turns on again.
Reliability
Life expectancy
Refer to Recommended Replacement Periods and Periodic Replacement for Preventive
Maintenance
on page 33 for details.
Standards
EMI
Conducted Emissions
The 150-W and higher models conform to Class B when an aluminum plate is set under the
Power Supply.
Radiated Emissions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com