Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8FS-G10024CD-R Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # S8FS-G10024CD-R
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G10024CD-R Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button S8FS-G10024CD-R Datasheet HTML 26Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 27Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 28Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 29Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 30Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 31Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 32Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 33Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 34Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
S8FS-G
32
Backup Operation
Backup operation is possible if you use two Power Supplies of the
same model. Even if one Power Supplies fails, operation can be
continued with the other Power Supply. Make sure that the maximum
load does not exceed the capacity of one Power Supply.
Connect the S8VK-R or external diodes as shown in the following
figure for backup operation. Refer to the S8VK-R datasheet (Cat. No.:
T059) for information on using the S8VK-R.
Use the following information as a guide to the diode type, dialectic
strength, and current.
In Case There Is No Output Voltage
There is a possibility that overload protection, overvoltage protection,
or overheating protection are functioning. The internal protection may
operate if a large amount of surge voltage, such as a lightning inrush,
is applied to the input. In addition, other possible causes for some
models include stoppage of the built-in fan and the remote control
function (OFF). Check the following five points. If there is still no
output voltage, contact your OMRON representative.
• Checking Overload Protection:
Remove the load wires and check whether the load is in an
overload state or is short-circuited.
• Checking Overvoltage or Internal Protection:
Turn the power supply OFF, leave it OFF for at least three minutes,
and then turn it ON again to see if this clears the condition.
• Checking Overheating Protection (300 W/600 W):
Turn OFF the input power supply long enough for the Power
Supply to cool sufficiently and then turn it ON again.
• Checking for Built-in Fan Stoppage (300 W/600 W):
Check whether or not the built-in fan has stopped.
• Confirming Remote Control Operation (Power Supplies with
Remote Control):
Check whether or not the +RC and -RC terminals are open.
Connect the terminals as specified.
Charging a Battery
If you connect a battery as the load, install overcurrent control and
overvoltage protection circuits.
Built-in Fan Replacement
<Only S8FS-G300
@@@/600@@@>
The built-in fan cannot be replaced.
Audible Noise at Power ON
<Only S8FS-G300
@@@/600@@@>
A harmonic current suppression circuit is built into the Power Supply.
This circuit can create noise when the input is turned ON, but it will
last only until the internal circuits stabilize and does not indicate any
problem in the Power Supply.
Type
Schottky Barrier diode
Dielectric strength (VRRM) Twice the output voltage or above
Forward current (IF)
Twice the rated output current or above
+V
-V
+V
-V
INPUT
S8FS-G
S8VK-R
S8FS-G
+V
-V
+V
-V
INPUT
IN 1
IN 2
+V
-V
INPUT
INPUT
S8FS-G
S8FS-G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com