Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8FS-G10024CD-R Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # S8FS-G10024CD-R
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G10024CD-R Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button S8FS-G10024CD-R Datasheet HTML 16Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 17Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 18Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 19Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 20Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 21Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 22Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 23Page - Omron Electronics LLC S8FS-G10024CD-R Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
S8FS-G
20
50W
29
5
6.5
20.5
97±1
36±1
55±0.5
74±0.5
87±0.5
3.5
18
18.5
(14.3)
8.2
9.5
89±0.5
99±1
4.5
55.5±0.5
45.5
3.5
Two, M3 (Depth 3 mm max.)
Two, M3
(Depth 5 mm max.)
3.5 dia.
3.5 dia.
Five, M3.5
S8FS-G050
@@C
Panel mounting holes dimensions
Using the mounting holes
in the Power Supply
Using the screw
holes in the
Power Supply
Side
Mounting
Bottom
Mounting
89±0.5
55.5±0.5
Two, M3
55±0.5
Two, 3.5 dia.
87±0.5
Two, M3
74±0.5
Two, 3.5 dia.
8.2
9.5
5
117.7±1
(14.3)
37.2±1
49.5
47.5
5.5
(Sliding:
8.2 max.)
5 max.
Five, M3.5
S8FS-G050
@@CD
18.5
55±0.5
20.5
5
55.5±0.5
45.5
97±1
36±1
29
3.5
3.5
6.5
87±0.5
99±1
18
74±0.5
4.5
89±0.5
3.5 dia.
3.5 dia.
Two, M3 (Depth 3 mm max.)
Two, M3 (Depth 5 mm max.)
Output (-)
Output (+)
Input (L)
Input (N)
S8FS-G050
@@E
Panel mounting holes dimensions
Using the mounting holes
in the Power Supply
Using the screw
holes in the
Power Supply
Side
Mounting
Bottom
Mounting
89±0.5
55.5±0.5
Two, M3
55±0.5
Two, 3.5 dia.
87±0.5
Two, M3
74±0.5
Two, 3.5 dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com