Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES25P40 Datasheet(PDF) 8 Page - Excel Semiconductor Inc.

Part # ES25P40
Description  4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES25P40 Datasheet(HTML) 8 Page - Excel Semiconductor Inc.

Back Button ES25P40 Datasheet HTML 4Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 5Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 6Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 7Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 8Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 9Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 10Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 11Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 12Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ES I
ES I
8
Rev. 0D May 11 , 2006
ES25P40
Excel Semiconductor inc.
ADVANCED INFORMATION
MEMORY ORGANIZATION
The memory is organized as :
- ES25P40 : Eight sectors of 512 Kbit each
- Each page can be individually programmed (bits are programmed from 1 to 0).
- The device is Sector or Bulk erasable (bits are erased from 0 to 1)
Table 2. Sector Address
Sector
Address Range
SA7
70000h
7FFFFh
SA6
60000h
6FFFFh
SA5
50000h
5FFFFh
SA4
40000h
4FFFFh
SA3
30000h
3FFFFh
SA2
20000h
2FFFFh
SA1
10000h
1FFFFh
SA0
00000h
0FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com