Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES25P40 Datasheet(PDF) 2 Page - Excel Semiconductor Inc.

Part # ES25P40
Description  4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES25P40 Datasheet(HTML) 2 Page - Excel Semiconductor Inc.

  ES25P40 Datasheet HTML 1Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 2Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 3Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 4Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 5Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 6Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 7Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 8Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ES I
ES I
2
Rev. 0D May 11 , 2006
ES25P40
Excel Semiconductor inc.
ADVANCED INFORMATION
The ES25P40 device is a 3.0 volt (2.7V to 3.6V)
single power flash memory device. ES25P40 con-
sists of Eight sectors, each with 512 Kb memory.
Data appears on SI input pin when inputting data
into the memory and on the SO output pin when
outputting data from the memory. The devices are
designed to be programmed in-system with the
standard system 3.0 volt Vcc supply.
The memory can be programmed 1 to 256 bytes at
a time, using the Page Program instruction.
The memory supports Sector Erase and Bulk Erase
instructions.
Each device requires only a 3.0 volt power supply
(2.7V to 3.6V) for both read and write functions.
Internally generated and regulated voltages are pro-
vided for program operations. This device does not
require Vpp supply.
GENERAL PRODUCT DESCRIPTION
BLOCK DIAGRAM
PS
Logic
IO
DATA PATH
Array - R
Array - L
RD
SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com