Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES25P40 Datasheet(PDF) 13 Page - Excel Semiconductor Inc.

Part # ES25P40
Description  4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES25P40 Datasheet(HTML) 13 Page - Excel Semiconductor Inc.

Back Button ES25P40 Datasheet HTML 9Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 10Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 11Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 12Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 13Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 14Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 15Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 16Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 17Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
ES I
ES I
13
Rev. 0D May 11 , 2006
ES25P40
Excel Semiconductor inc.
ADVANCED INFORMATION
0
0
0
0
0
0
0
1
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction
allows new values to be written to the Status Regis-
ter. Before it can be accepted, a Write Enable
(WREN) instruction must previously have been
executed. After the Write Enable (WREN) instruc-
tion has been decoded and executed, the device
sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) instruction is
entered by driving Chip Select (CS#) Low, followed
by the instruction code and the data byte on Serial
Data Input (SI).
The instruction sequence is shown in Figure 8.
The Write Status Register (WRSR) instruction has
no effect on bits b6, b5, b1 and b0 of the Status
Register. Bits b6, b5 are always read as 0.
Chip Select (CS#) must be driven High after the
eighth bit of the data byte has been latched in. If
not, the Write Status Register (WRSR) instruction is
not executed.
As soon as Chip Select (CS#) is driven High, the
self-timed Write Status Register cycle (whose dura-
tion is tw ) is initiated. While the Write Status Regis-
ter cycle is in progress, the Status Register may still
be read to check the value of the Write In Progress
(WIP) bit. The Write In Progress (WIP) bit is 1 dur-
ing the self-timed Write Status Register cycle, and
is 0 when it is completed. At some unspecified time
before the cycle is completed, the Write Enable
Latch (WEL) is reset.
The Write Status Register (WRSR) instruction
allows the user to change the values of the Block
Protect (BP2, BP1, BP0) bits, to define the size of
the area that is to be treated as read-only, as
defined in Table 1. The Write Status Register
(WRSR) instruction also allows the user to set or
reset the Status Register Write Disable (SRWD) bit
in accordance with the Write Protect (W#) signal.
The Status Register Write Disable (SRWD) bit and
Write Protect (W#) signal allow the device to be put
in the Hardware Protected Mode (HPM). The Write
Status Register (WRSR) instruction cannot be exe-
cuted once the Hardware Protected Mode (HPM) is
entered.
Figure 7. Status Register Format
SRWD
0
0
BP2
BP1
BP0
WEL
WIP
Status Register Write Disable
Block Protect Bits
Write Enable Latch Bit
Write In Progress Bit
b7
b6
b5
b4
b3
b2
b1
b0
Figure 8. Write Status Register (WRSR) Instruction Sequence
Status Register In
SCK
CS#
SI
SO
Instruction
High Impedance
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
MSB
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com