Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMA-461 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FMA-461
Description  EMI INPUT FILTERS 28 VOLT INPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMA-461 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FMA-461 Datasheet HTML 1Page - Interpoint Corporation Company FMA-461 Datasheet HTML 2Page - Interpoint Corporation Company FMA-461 Datasheet HTML 3Page - Interpoint Corporation Company FMA-461 Datasheet HTML 4Page - Interpoint Corporation Company FMA-461 Datasheet HTML 5Page - Interpoint Corporation Company FMA-461 Datasheet HTML 6Page - Interpoint Corporation Company FMA-461 Datasheet HTML 7Page - Interpoint Corporation Company FMA-461 Datasheet HTML 8Page - Interpoint Corporation Company FMA-461 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RECOMMENDED
OPERATING CONDITIONS
DERATING
ABSOLUTE MAXIMUM RATINGS
Input Voltage
• 0 to 40 VDC continuous
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –55°C to +135°C
Isolation
• 100 megohm minimum at 500 V
• Any pin to case (except case pin)
B5-4
FM-461 EMI FILTER
1.75 TO 5 AMP
Input Voltage Range
• 0 to 40 VDC continuous
Case Operating Temperature (Tc)
• –55°C to +85°C full power
• –55°C to +125°C absolute
Electrical Characteristics: 25°C Tc, nominal Vin, unless otherwise specified.
EMI INPUT FILTERS
FM-461
FMA-461
FMB-461
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
CONTINUOUS
0
28
40
0
28
40
0
28
40
VDC
INPUT CLAMPING
–55°C
38.9
43.2
47.5
38.9
43.2
47.5
38.9
43.2
47.5
VOLTAGE
+25°C
42.3
47.0
51.7
42.3
47.0
51.7
42.3
47.0
51.7
VDC
+125°C
44.9
49.9
54.8
44.9
49.9
54.8
44.9
49.9
54.8
INPUT CURRENT
DC
—
—
1.75
—
—
3.8
—
—
5.0
A
RIPPLE
—
—
0.67
—
—
1.0
—
—
1.2
A rms
NOISE
REJECTION
15 kHz - 50 MHz
—
40
—
—
40
—
—
40
—
dB
DC RESISTANCE
(RDC)
STEADY STATE
—
0.38
0.42
0.07
0.10
0.15
0.07
0.09
0.10
Ω
CAPACITANCE
ANY PIN TO CASE
1900
—
2200
3700
—
4400
6450
—
8000
pF
OUTPUT VOLTAGE 1
STEADY STATE
VOUT = VIN - IIN(RDC)
VDC
OUTPUT CURRENT
STEADY STATE
—
—
1.75
—
—
3.8
—
—
5.0
A
POWER
DISSIPATION
MAX. CURRENT
—
—
1.3
—
—
1.6
—
—
2.5
W
Note
1. Typical applications result in Vout within 2% of Vin.
Input Voltage
Derate linearly from 100% at 85°C case to
the 33 VDC at 125°C case
Input Ripple Current
Derate linearly from 100% at 85°C case to
the following at 125°C case
270 mA rms FM-461
400 mA rms FMA-461
480 mA rms FMB-461
DC Input and Output Current
Derate linearly from 100% at 85°C case to
the following at 125°C case
750 mA FM-461
1.7 A FMA-461
1.7 A FMB-461
x2
0.1
F
0.01 F
0.001 F
4.7
F
150
47 pF
1000 pF
50
1000 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FM-461
469
H
2.4
H
FIGURE 1: SCHEMATIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com