Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMA-461 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # FMA-461
Description  EMI INPUT FILTERS 28 VOLT INPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMA-461 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  FMA-461 Datasheet HTML 1Page - Interpoint Corporation Company FMA-461 Datasheet HTML 2Page - Interpoint Corporation Company FMA-461 Datasheet HTML 3Page - Interpoint Corporation Company FMA-461 Datasheet HTML 4Page - Interpoint Corporation Company FMA-461 Datasheet HTML 5Page - Interpoint Corporation Company FMA-461 Datasheet HTML 6Page - Interpoint Corporation Company FMA-461 Datasheet HTML 7Page - Interpoint Corporation Company FMA-461 Datasheet HTML 8Page - Interpoint Corporation Company FMA-461 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MODELS
INPUT VOLTAGE
AND
CURRENT
B5-3
Input (V)
0 - 40
0 - 40
0 - 40
Current ( A)
1.75
3.8
5.0
DESCRIPTION
The FM-461, FMA-461, and FMB-461 EMI filter modules have been
specifically designed to reduce the input line reflected ripple current
of Interpoint’s MTO, MTW, MHE, MLP, and MFW Series of DC/DC
converters. They are intended for use in applications of high
frequency ( 100 kHz) switch-mode DC/DC converters which must
meet MIL-STD-461C levels of conducted power line noise.
These filters are built using thick-film hybrid technology and are
sealed in metal packages for military, aerospace, and other high-
reliability applications. See Section B8, cases H3, H5, K4, and K6
for dimensions. See Section C2 for screening options.
MIL-STD NOISE MANAGEMENT
When used in conjunction with Interpoint’s DC/DC converters (see
connection diagram, Figure 2), the input ripple current will be
reduced by 40 dB within the frequency band of 100 kHz to 50 MHz.
This gives the filter/converter combination a performance which
exceeds the CE03 test limit of MIL-STD-461C. The CE03 perform-
ance of a model MHE2805S converter with and without the FM-461
filter is shown in Figures 6 and 7.
FILTER OPERATION
A fast-reacting (1 picosecond) transient suppressor clamps the input
voltage at approximately 47 V, protecting the DC/DC converter from
line induced transients.
The filters are rated to operate, with no degradation of performance,
over the temperature range of –55°C to +85°C (as measured at the
baseplate). Above 85°C, input voltage and current must be derated
as specified in “Derating” on the following page. The maximum
power dissipation of the filters at maximum input current represents
a power loss of less than 3% at typical input voltage.
LAYOUT REQUIREMENTS
The case of the filter must be connected to the case of the converter
through a low impedance connection to minimize EMI.
EMI INPUT FILTERS
28 VOLT INPUT
FM-461, FMA-461
AND FMB-461
EMI FILTERS
1.75 TO 5 AMP
FEATURES
• –55°C to +85°C operation
• 0 to 40 VDC volt input
• Up to 40 dB attenuation
110 kHz to 50 MHz
• Transient suppression
• Compliant to
MIL-STD-461C, CE03
Size (max.): Non-flanged case H3 or H5
2.125 x 1.125 x 0.495* inches (53.98 x 28.58 x 12.57* mm)
Flanged case K4 or K6
2.910 x 1.125 x 0.495* inches (73.91 x 28.58 x 12.57* mm)
See Section B8, cases H3, H5, K4, and K6, for dimensions.
*Height varies depending on model.
Weight:
Maximum – FM-461 38 grams, FMA-461 42 grams, FMB-461 43 grams
Screening:
Standard or ES. See Section C2 for screening options, see Section A5
for ordering information.


Similar Part No. - FMA-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMA-461 INTERPOINT-FMA-461 Datasheet
536Kb / 9P
Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
More results

Similar Description - FMA-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
EMI INPUT FILTER 28 VOLT INPUT
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FME28-461 CRANE-FME28-461 Datasheet
239Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
logo
Interpoint Corporation ...
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
EMI Input Filters 28 Volt input ??8 Amp
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
EMI Input Filters 28 Volt input ??7 Amp
FME28-461 INTERPOINT-FME28-461_10 Datasheet
865Kb / 13P
EMI Input Filters 28 Volt Input ??15 Amp
FMGA-461 INTERPOINT-FMGA-461_15 Datasheet
349Kb / 14P
FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com