Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMA-461 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # FMA-461
Description  EMI INPUT FILTERS 28 VOLT INPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMA-461 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  FMA-461 Datasheet HTML 1Page - Interpoint Corporation Company FMA-461 Datasheet HTML 2Page - Interpoint Corporation Company FMA-461 Datasheet HTML 3Page - Interpoint Corporation Company FMA-461 Datasheet HTML 4Page - Interpoint Corporation Company FMA-461 Datasheet HTML 5Page - Interpoint Corporation Company FMA-461 Datasheet HTML 6Page - Interpoint Corporation Company FMA-461 Datasheet HTML 7Page - Interpoint Corporation Company FMA-461 Datasheet HTML 8Page - Interpoint Corporation Company FMA-461 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
B5-6
Typical Performance Curves: 25°C Tc , nominal Vin, unless otherwise specified.
90
70
50
30
.015
.1
1
10
50
10
FREQUENCY (MHz)
CE03 Limit
FIGURE 6
90
70
50
30
.015
.1
1
10
50
10
FREQUENCY (MHz)
CE03 Limit
FIGURE 7
FM-461 EMI FILTER
1.75 YO 5 AMP
EMI INPUT FILTERS
MHE Converter Without Filter
MHE Converter With FM-461 EMI Filter
PIN OUT
12
3
4
5
Squared corner and dot on top
of package indicate pin one.
BOTTOM VIEW
FM-461, FMA-461, FMB-461
Dotted line outlines flanged package option.
FMB - 461
F
/
ES
Base Model
MIL-STD-461 reference
Screening
FM, FMA, or FMB
(Standard screening has no designator
in this position)
Case Option
(Non-flanged case has no designator in
this position)
MODEL NUMBERING KEY
See Section B8, cases H3, H5, K4, and K6, for dimensions.
Pin
Designation
1
Positive Input
2
Positive Output
3
Case Ground
4
Output Common
5
Input Common
FIGURE 5: PIN OUT
26221-001-DTS Rev A
DQ# 14006
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. Copyright © 1990 - 1999 Interpoint. All
rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com