Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USC Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # USC
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

USC Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  USC Datasheet HTML 1Page - RUBYCON CORPORATION USC Datasheet HTML 2Page - RUBYCON CORPORATION USC Datasheet HTML 3Page - RUBYCON CORPORATION USC Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• RoHS compliance.
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.90
1.00
1.05
1.10
1.15
0.80
10∼100WV
160∼250WV
1.00
1.20
1.30
1.50
0.80
315∼450WV
1.00
1.20
1.25
1.40
(20℃,120Hz)
Rated Voltage
(V)
tanδ
0.55
10
0.50
16
0.45
25
0.40
35
0.35
50
0.30
63
0.25
80
0.20
100
0.15
160∼
400
0.25
420∼
450
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC
SERIES
USC
◆SPECIFICATIONS
◆PART NUMBER
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Impedance Ratio(MAX)
Items
Characteristics
−40∼+85℃
10∼250V.DC
−25∼+85℃
315∼450V.DC
±20%(20℃,120Hz)
I
=Leakage Current(μA)     V=Rated Voltage(V)     C=Rated Capacitance(μF)
Rated Voltage
(V)
Z(−25℃)/Z(20℃)
10∼250
3
315∼400
8
420∼450
12
Z(−40℃)/Z(20℃)
12
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
85℃ Standard, Snap-in Terminal Type
◆FEATURES
• Load Life : 85℃ 3000 hours.
• Smaller size with higher ripple current endurance than USR series.
(120Hz)
After applying rated voltage with rated ripple current for 3000hrs at 85℃, the capacitors shall meet the following requirements.
□□□
Rated Voltage
USC
Series
SN
Terminal Code
OOE
Option
D×L
Case Size
□□□□□
Rated Capacitance
□
Capacitance Tolerance
I
=3 CV
(After 5 minutes application of rated voltage)
◆Option
Blank
OOE
Code
without plate
with plate
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
※
4±0.5
L±2
SLEEVE
VENT
※For φ35, 3.5±0.5
●SN[4(3.5)mm]terminal type


Similar Part No. - USC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130 Datasheet
772Kb / 3P
11.6" ARM Based Android All-in-One Computer
6-Mar-2023
USC-130 ADVANTECH-USC-130 Datasheet
1Mb / 2P
Multi- purpose stand
14-Jul-2020
USC-130AP-BC106 ADVANTECH-USC-130AP-BC106 Datasheet
772Kb / 3P
11.6" ARM Based Android All-in-One Computer
6-Mar-2023
USC-130AP-BC201 ADVANTECH-USC-130AP-BC201 Datasheet
772Kb / 3P
11.6" ARM Based Android All-in-One Computer
6-Mar-2023
USC-130AP-BC206 ADVANTECH-USC-130AP-BC206 Datasheet
772Kb / 3P
11.6" ARM Based Android All-in-One Computer
6-Mar-2023
More results

Similar Description - USC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
KXF RUBYCON-KXF Datasheet
257Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com