Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USC Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # USC
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

USC Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  USC Datasheet HTML 1Page - RUBYCON CORPORATION USC Datasheet HTML 2Page - RUBYCON CORPORATION USC Datasheet HTML 3Page - RUBYCON CORPORATION USC Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 85℃)
WV
Cap
(μF)
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
◆STANDARD SIZE, RATED RIPPLE CURRENT
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
10
16
WV
Cap
(μF)
6800
5600
4700
3900
3300
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
25
35
WV
Cap
(μF)
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
50
63
20×25
20×35
20×30
20×40
20×30
20×25
20×35
20×40
20×30
20×25
20×35
20×40
2.22
2.90
2.44
3.31
2.56
2.33
2.91
3.18
2.21
2.07
2.41
2.72
20×25
20×30
20×35
20×40
20×25
20×30
20×35
20×40
20×25
20×30
20×35
2.56
2.85
3.20
3.70
2.14
2.28
2.46
2.79
1.69
2.04
2.40
20×40 2.52
22×25
22×30
22×35
22×40
22×45
22×50
22×25
22×30
22×40
22×35
22×45
22×50
22×25
22×30
22×30
22×35
22×40
22×45
2.41
2.88
3.22
3.79
4.04
4.58
2.56
2.91
3.53
3.18
4.08
4.68
2.21
2.41
2.72
3.01
3.43
3.94
22×25
22×30
22×35
22×40
22×45
22×50
22×30
22×25
22×35
22×40
22×45
22×50
22×25
22×30
22×35
22×40
22×45
2.85
3.20
3.70
3.98
4.52
4.98
2.79
2.46
2.89
3.47
3.59
4.51
2.04
2.40
2.52
2.69
3.10
22×50 3.49
25×25
25×30
25×30
25×35
25×40
25×45
25×50
25×30
25×25
25×35
25×45
25×40
25×25
25×30
25×35
25×35
25×40
25×50
2.88
3.08
3.66
4.04
4.56
5.29
5.78
3.53
3.18
4.08
5.19
25×50 6.02
4.68
2.72
3.01
3.43
3.94
4.37
5.02
25×25
25×30
25×35
25×40
25×45
25×50
25×25
25×30
25×30
25×35
25×40
25×25
25×30
25×40
25×45
25×35
25×50
3.70
3.98
4.52
4.98
5.49
6.11
2.79
2.89
3.47
3.59
4.51
25×45 4.80
2.52
2.69
3.49
3.10
3.81
4.41
30×25
30×30
30×30
30×35
30×40
30×45
30×50
30×30
30×25
30×40
30×35
30×45
30×50
30×30
30×25
30×35
30×40
30×45
30×50
3.58
3.99
4.58
5.21
5.78
6.59
7.50
4.68
4.08
6.02
5.19
6.75
7.56
3.94
3.43
4.37
5.02
5.60
6.44
35×30
35×35
35×35
35×40
35×50
35×30
35×35
35×40
35×45
35×30
35×35
35×40
35×45
5.05
5.55
6.40
7.48
8.50
5.19
6.02
6.75
7.56
35×50 8.30
5.02
5.60
6.44
6.71
30×25
30×30
30×35
30×40
30×45
30×50
30×25
30×30
30×30
30×35
30×40
30×45
30×25
30×30
30×35
30×40
30×45
30×50
4.52
4.98
5.49
6.11
6.80
7.62
3.47
3.59
4.51
4.80
5.70
6.38
3.10
3.49
3.81
4.41
4.90
5.49
35×30
35×35
35×35
35×45
35×50
35×35
35×30
35×40
35×45
35×50
35×30
35×35
35×40
35×45
5.49
6.11
6.80
8.45
35×40 7.62
9.14
5.70
4.80
6.38
6.90
7.49
4.41
4.90
5.49
6.30
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC
WV
Cap
(μF)
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
80
100
20×25
20×30
20×35
20×30
20×40
1.56
1.80
2.30
2.10
2.53
20×25
20×30
20×30
20×35
20×40
1.66
1.86
2.02
2.12
2.45
22×25
22×30
22×30
22×35
22×40
22×45
1.80
2.10
2.30
2.53
2.93
3.25
22×25
22×30
22×30
22×35
22×40
22×45
1.86
2.02
2.12
2.45
2.77
3.12
25×25
25×30
25×35
25×35
25×40
25×45
2.30
2.53
2.93
3.25
3.62
4.28
25×25
25×30
25×30
25×35
25×40
25×50
2.12
2.45
2.77
3.12
3.61
4.06
30×25
30×30
30×35
30×40
30×45
30×45
2.93
3.25
3.62
4.28
4.55
5.83
35×30
35×35
35×40
35×45
35×50
4.28
4.55
5.83
6.40
7.03
30×25
30×30
30×30
30×35
30×40
30×45
2.77
3.12
3.61
4.06
4.60
5.13
35×30
35×35
35×40
35×45
35×50
4.06
4.60
5.13
5.75
6.01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com