Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USC Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # USC
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

USC Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  USC Datasheet HTML 1Page - RUBYCON CORPORATION USC Datasheet HTML 2Page - RUBYCON CORPORATION USC Datasheet HTML 3Page - RUBYCON CORPORATION USC Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 85℃)
WV
Cap
(μF)
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
160
180
WV
Cap
(μF)
470
390
330
270
220
560
680
820
1000
1200
1500
1800
2200
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
200
220
WV
Cap
(μF)
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
250
315
20×25
20×25
20×30
20×30
20×35
20×40
20×25
20×25
20×30
20×35
20×35
20×40
20×25
20×30
20×25
20×35
20×40
1.28
1.55
1.90
1.63
2.14
2.35
1.39
1.19
1.56
1.74
2.03
2.18
1.20
1.42
1.26
1.68
1.92
20×25
20×30
20×30
20×35
20×40
20×25
20×30
20×35
20×35
20×40
20×30
20×35
20×35
1.29
1.77
1.84
1.91
2.15
1.23
1.46
1.64
1.79
2.12
1.00
1.13
1.29
22×25
22×30
22×30
22×35
22×40
22×45
22×25
22×25
22×30
22×30
22×35
22×40
22×45
22×50
22×25
22×25
22×30
22×35
22×35
22×40
1.63
1.86
2.15
2.35
2.68
3.02
1.37
1.51
1.97
1.73
2.18
2.48
2.81
3.28
1.24
1.50
1.66
1.88
2.15
2.48
22×25
22×25
22×30
22×35
22×35
22×40
22×50
22×30
22×25
22×30
22×35
22×40
22×45
22×30
22×30
22×35
22×40
22×45
1.49
1.84
1.91
2.25
2.48
2.86
3.10
1.59
1.42
1.80
2.06
2.22
2.62
1.29
1.41
1.68
1.91
2.07
25×25
25×25
25×30
25×30
25×35
25×40
25×50
25×25
25×25
25×30
25×35
25×40
25×45
25×30
25×25
25×30
25×35
25×35
25×40
25×45
1.86
2.15
2.33
2.65
3.00
3.43
3.96
1.95
1.71
2.15
2.79
3.28
3.61
2.48
1.61
1.88
2.15
2.35
2.67
3.01
25×25
25×25
25×30
25×35
25×40
25×45
25×25
25×30
25×35
25×35
25×45
25×25
25×25
25×35
25×30
25×40
25×50
2.08
2.25
2.50
2.75
3.06
3.63
1.75
2.08
2.38
2.56
2.91
1.38
1.47
1.94
1.70
2.11
2.31
30×25
30×25
30×30
30×30
30×35
30×40
30×50
30×25
30×25
30×35
30×30
30×35
30×45
30×50
30×25
30×25
30×30
30×35
30×40
30×45
2.33
2.64
2.96
3.41
3.96
4.31
4.96
2.48
2.15
3.15
2.75
3.61
4.13
4.60
2.35
2.04
2.71
2.98
3.56
3.99
35×30
35×30
35×35
35×40
35×45
35×30
35×35
35×40
35×45
35×30
35×35
35×35
35×40
35×50
3.40
3.94
4.28
4.96
5.57
3.57
4.06
4.59
5.25
2.96
3.48
3.84
4.33
4.54
30×25
30×25
30×30
30×35
30×40
30×45
30×25
30×30
30×35
30×35
30×40
30×50
30×25
30×30
30×35
30×35
30×45
30×50
2.46
2.69
3.10
3.55
4.10
4.55
2.18
2.52
2.84
3.36
3.72
4.18
1.98
2.15
2.38
2.63
2.80
3.28
35×30
35×35
35×35
35×40
35×50
35×30
35×30
35×35
35×40
35×45
35×30
35×30
35×35
35×40
35×45
3.49
4.02
4.54
4.83
5.30
◆STANDARD SIZE, RATED RIPPLE CURRENT
3.29
2.79
3.68
4.10
4.52
2.36
2.69
3.05
3.45
3.57
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC
WV
Cap
(μF)
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
20×30
20×30
20×35
0.96
1.10
1.24
20×25
20×30
20×30
20×35
20×35
20×40
0.68
0.74
0.86
0.96
1.10
1.27
22×25
22×30
22×30
22×35
22×40
22×45
1.04
1.20
1.34
1.47
1.70
1.87
22×25
22×30
22×30
22×35
22×40
22×35
22×50
0.76
0.89
0.98
1.12
1.27
1.42
1.60
25×25
25×25
25×30
25×35
25×35
25×40
25×50
1.22
1.37
1.53
1.97
1.73
2.14
2.55
25×25
25×30
25×30
25×35
25×40
25×45
25×50
1.02
1.14
1.30
1.48
1.61
1.80
2.04
30×25
30×25
30×30
30×35
30×35
30×40
30×50
1.54
1.80
2.03
2.23
2.53
2.73
3.15
35×30
35×30
35×40
35×35
35×45
35×50
2.30
2.55
3.15
2.75
3.47
3.60
30×25
30×30
30×30
30×35
30×40
30×45
30×50
1.37
1.49
1.64
1.85
2.05
2.26
2.57
35×30
35×35
35×35
35×40
35×45
1.87
2.07
2.26
2.59
2.80
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
350
385



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com