Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH2812S/883 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MCH2812S/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2812S/883 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MCH2812S/883 Datasheet HTML 1Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 2Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 3Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 4Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 5Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 6Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 7Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MCH
28 12 D / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(R = decimal point, 3R3 = 3.3 Vout)
(Standard screening has no designator
in this position.)
PIN OUT
SMD NUMBERS
4
MCH SERIES
1.5 WATT
DC/DC CONVERTERS
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Positive Output
Positive Output
4
Output Common
Output Common
5
Case Ground
Case Ground
6
No connection
Negative Output
7
Inhibit
Inhibit
MODEL NUMBERING KEY
FIGURE 2: PIN OUT
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-9569601HXC
IN PROCESS
5962-9569701HXC
5962-9569801HXC
5962-9570201HXC
5962-9570301HXC
5962-9570401HXC
MCH SERIES
SIMILAR PART
MCH2805S/883
MCH285R2S/883
MCH2812S/883
MCH2815S/883
MCH2805D/883
MCH2812D/883
MCH2815D/883
Squared corner and dot on
top of cover indicate pin one.
14
75
23
6
For exact specifications for an SMD product, refer to the SMD
drawing. Call your Interpoint representative for status on the MCH
Series SMD releases which are “in process”. SMDs can be down-
loaded from
http://www.dscccols.com/programs/smcr
See page 7 for dimensions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com