Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH2812S/883 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MCH2812S/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2812S/883 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MCH2812S/883 Datasheet HTML 1Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 2Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 3Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 4Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 5Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 6Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 7Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC/DC CONVERTERS
5
MCH SERIES
1.5 WATT
LOAD TRANSIENT RESPONSE
500
µs / div.
MCH2815D
+VOUT FULL LOAD TO HALF LOAD
+VOUT HALF LOAD TO FULL LOAD
–VOUT FULL LOAD TO HALF LOAD
–VOUT HALF LOAD TO FULL LOAD
VIN
LINE TRANSIENT RESPONSE
200
µs / div.
+VOUT
MCH2815D
–VOUT
12 VDC
50 VDC
VIN
VOUT
TURN-ON INTO FULL LOAD
02
4
6
810
12
14
16
18
TIME (ms)
MCH2805S
Representative of all 5 volt models
FIGURE 9FIGURE 10
FIGURE 11
TYPICAL PERFORMANCE CURVES: Tc = 25°C, full load, Vin = 28 VDC, unless otherwise specified.
FIGURE 3
FIGURE 4
FIGURE 5
FIGURE 6
FIGURE 7
FIGURE 8
EFFICIENCY vs LOAD
1.75
30
80
40
50
60
70
0
0.25
0.5
0.75
1
1.25
1.5
OUTPUT POWER
12 & 15 VOLT SINGLE MODELS
12 VOLT
28 VOLT
50 VOLT
90
EFFICIENCY vs LOAD
1.75
30
80
40
50
60
70
0
0.25
0.5
0.75
1
1.25
1.5
OUTPUT POWER
12 & 15 VOLT DUAL MODELS
12 VOLT
28 VOLT
50 VOLT
90
EFFICIENCY vs LOAD
1.75
90
30
80
40
50
60
70
0
0.25
0.5
0.75
1
1.25
1.5
OUTPUT POWER
ALL 5 VOLT MODELS
12 VOLT
28 VOLT
50 VOLT
1
0
20
40
60
80
100
AUDIO REJECTION
10
60
FREQUENCY (kHz)
MCH2815S - Representative of all models
VIN
LINE TRANSIENT RESPONSE
200
µs / div.
VOUT
MCH2805S
12 VDC
50 VDC
LOAD TRANSIENT RESPONSE
500
µs / div.
MCH2805S
FULL LOAD TO HALF LOAD
HALF LOAD TO FULL LOAD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com