Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH2812S/883 Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MCH2812S/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2812S/883 Datasheet(HTML) 6 Page - Interpoint Corporation Company

  MCH2812S/883 Datasheet HTML 1Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 2Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 3Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 4Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 5Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 6Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 7Page - Interpoint Corporation Company MCH2812S/883 Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
MCH SERIES
1.5 WATT
DC/DC CONVERTERS
FIGURE 15
FIGURE 16
FIGURE 17
VIN
–VOUT
TURN-ON INTO FULL LOAD
05
10
15
20
25
30
35
40
45
TIME (ms)
MCH2815D
Also representative of MCH2812S & D and MCH2815S
+VOUT
0 V for –VOUT
0 V for +VOUT
CROSS REGULATION
50% LOAD +V; 50% TO 10% LOAD –V
AND
50% LOAD –V; 50% TO 10% LOAD +V
4
-4
-2
0
2
10
20
30
40
50
OUTPUT LOAD (%)
DUAL ISOLATED
±5 V
±12 V
±15 V
–5 V
–12 V
–15 V
4
-4
-2
0
2
90/10 70/30 50/50 30/70 10/90
OUTPUT LOAD (%)
DUAL ISOLATED
CROSS REGULATION
90% TO 10% LOAD ON +V
10% TO 90% LOAD ON –V
+5 V
+12 V
+15 V
0.8
1.8
1.0
1.2
1.4
1.6
910
11
12
INPUT VOLTAGE
ALL MODELS
LOW LINE DROPOUT
12 V
SINGLE
& DUAL
15 V
SINGLE
& DUAL
5 V
DUAL
5 V
SINGLE
120
100
80
60
40
20
0
% OF FULL LOAD
OUTPUT VOLTAGE vs. OUTPUT LOAD
0
20
40
60
80
100
120
140
160
SAFE OPERATING AREA
TRIP POINT 125%
FREQUENCY (MHz)
0.1
1
10
50
90
70
50
30
10
.015
MCH FILTERED WITH FMSA
CE03
LIMIT
NARROWBAND
FIGURE 12
FIGURE 13
FIGURE 14
TYPICAL PERFORMANCE CURVES: Tc = 25°C, full load, Vin = 28 VDC, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com