Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2805SF/883 Datasheet(PDF) 17 Page - Interpoint Corporation Company

Part # MHF2805SF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2805SF/883 Datasheet(HTML) 17 Page - Interpoint Corporation Company

Back Button MHF2805SF/883 Datasheet HTML 13Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 14Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 15Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 16Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 17Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 18Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 19Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 20Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 21Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
SMD NUMBERS
PIN OUT
MHF+
28 512 T
F / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(T = triple)
(Main and aux. Vout)
Case Option
(Non-flanged case has no designator in
this position)
(Standard screening has no designator
in this position.)
5
MHF+ SERIES TRIPLE
15 WATT
DC/DC CONVERTERS
MODEL NUMBERING KEY
Pin
Description
1
Inhibit
2
Main (+5 V) Output
3
Output Common
4
Positive Auxiliary Output
5
Negative Auxiliary Output
6
Case Ground
7
Sync In
8
Input Common
9
Positive Input
If Sync is not used, leave it unconnected.
FIGURE 5: PIN OUT BOTTOM VIEW
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-9560101HXC
5962-9560201HXC
MHF+
SIMILAR PART
MHF+28512T/883
MHF+28515T/883
Dotted line outlines flanged package option.
1
2345
98
6
7
Squared corner and dot on top
of package indicate pin one.
BOTTOM VIEW
MHF+ Triple
For exact specifications for an SMD product, refer to the SMD drawing. SMDs
can be downloaded from
http://www.dscc.dla.mil/programs/smcr
Refer to Figures 13 - 16 for dimensions.
Flanged SMDs have the suffix HZC instead of HXC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com