Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2805SF/883 Datasheet(PDF) 18 Page - Interpoint Corporation Company

Part # MHF2805SF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2805SF/883 Datasheet(HTML) 18 Page - Interpoint Corporation Company

Back Button MHF2805SF/883 Datasheet HTML 13Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 14Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 15Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 16Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 17Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 18Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 19Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 20Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 21Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
6
MHF+ SERIES TRIPLE
15 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
FIGURE 9
FIGURE 11
MHF+28512T TURN ON INTO FULL LOAD
MAIN
5 ms / div.
+5 VDC
MHF+28515T has a similar response
VIN
INPUT
GND
+5
GND
MHF+28512T TURN ON INTO FULL LOAD
AUXILIARIES
5 ms / div.
–12 VDC
+12 VDC
MHF+28515T has a similar response
VIN
16
55
80
60
65
70
75
46
8
10
12
14
16 V
28 V
48 V
2
MHF+28512T EFFICIENCY
OUTPUT POWER (W)
FIGURE 6
16
55
80
60
65
70
75
2
46
8
10
12
14
16 V
48 V
MHF+28515T EFFICIENCY
OUTPUT POWER (W)
28 V
FIGURE 7
MHF+28512T TURN ON INTO FULL LOAD
MAIN
5 ms / div.
+5 VDC
MHF+28515T has a similar response
VIN
INPUT
GND
+5
GND
FIGURE 10
FIGURE 8
MHF+28512T has a similar response
MHF+ 28515T STEP LINE RESPONSE
5 ms / div.
–15 VDC
±15 = 250 mA EACH, +5 = 1.5 A
INPUT V: 16 TO 40 VDC,
+15 VDC
5 VDC
MAXIMUM OUTPUT POWER (W)
LOW LINE DROPOUT
MHF+28515T
MHF+28512T
11.5
11
10.5
9.5
9
8.5
10
2468
10
12
14
16
FIGURE 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com