Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2805SF/883 Datasheet(PDF) 16 Page - Interpoint Corporation Company

Part # MHF2805SF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2805SF/883 Datasheet(HTML) 16 Page - Interpoint Corporation Company

Back Button MHF2805SF/883 Datasheet HTML 12Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 13Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 14Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 15Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 16Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 17Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 18Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 19Page - Interpoint Corporation Company MHF2805SF/883 Datasheet HTML 20Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Positive Input
1
5
28V
Input Common
FMH-461
EMI FILTER
Positive Output
Output Common
3
Positive Input
9
8
Input Common
MHF+ TRIPLE
2
4
Case*
*The case ground connection should be as low an impedance as possible to minimize EMI.
Direct contact of baseplate to chassis ground provides the lowest impedance.
Chassis Ground
6
+5
Load
Positive Input
9
7
1
8
2
4
5
28V
Sync In
Inhibit
Input Common
+5 Output
Output Common
– Aux. Output
+ Aux.
Load
3
– Aux.
Load
+ Aux. Output
0.01
F
5.1k
9
1
8
200 pF
3.9 K
10 K
INHIBIT
MHF+ Triple
INPUT
COMMON
POSITIVE INPUT
10 k
1N4148
2N3501
4
MHF+ SERIES TRIPLE
15 WATT
DC/DC CONVERTERS
CONNECTION DIAGRAMS
FIGURE 2: INHIBIT INTERFACE
FIGURE 3: AC COUPLING OF SYNC SIGNAL
FIGURE 4: EMI FILTER CONNECTION
If the sync terminal ([pin 7) is not used, it must be left floating.
The ac coupling shown will prevent sync signal failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com