Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOR283R3S Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MOR283R3S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR283R3S Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MOR283R3S Datasheet HTML 1Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 2Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 3Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 4Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 5Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 6Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 7Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 8Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TYPICAL CHARACTERISTICS
SYNC AND INHIBIT (INH1, INH2)
PINS NOT IN USE
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Input Voltage Range
• 16 to 40 VDC continuous
• 50 V for 120 msec transient
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Output Power/Current
• Linearly from 100% at 125°C to 0% at 135° C
2
MOR SERIES
120 WATT
DC/DC CONVERTERS
Input Voltage
• 16 to 40 VDC
Power Dissipation (Pd)
• 30 W
Output Power
• 66 to 120 watts depending on model
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Input to Output Capacitance
• 150 pF typical
Undervoltage Lockout
• 15.5 V input typical
Current Limit
• 125% of full load typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 40 dB typical
Conversion Frequency
• Free run mode 550 kHz typical
460 kHz. min, 570 kHz max
• External sync range 525 to 625 kHz
Inhibit Pin Voltage (unit enabled)
• INH1 = 13 V typ, INH2 = 8 V typ
Notes: See notes 1, 2, 3, and 4 on the following page.
SINGLE OUTPUT MODELS
MOR283R3S
MOR2805S
MOR286R3S
MOR289R5S
PARAMETER
CONDITION
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE
3.25
3.30
3.35
4.95
5.00
5.05
6.24
6.30
6.36
9.40
9.50 9.60
VDC
OUTPUT CURRENT
VIN = 16 to 40 VDC
0
—
20
0
—
20
0
—
16
0
—
11
A
OUTPUT POWER
VIN = 16 to 40 VDC
0
—
66
0
—
100
0
—
100
0
—
105
W
OUTPUT RIPPLE
10 kHz - 20 MHz
VOLTAGE
Tc = –55°C to +125°C
—
30
80
—
30
80
—
75
100
—
75
120
mV p-p
10 kHz - 2 MHz
Tc = –55°C to +125°C
—
20
50
—
20
50
—
50
60
—
50
80
LINE REGULATION
VIN = 16 to 40 VDC
—
0
20
—
0
20
—
0
20
—
0
20
mV
LOAD REGULATION
NO LOAD TO FULL
—
0
20
—
0
20
—
0
20
—
0
20
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT 120 ms
—
—
50
—
—
50
—
—
50
—
—
50
V
INPUT CURRENT
NO LOAD
—
70
130
—
70
130
—
70
130
—
70
130
mA
FULL LOAD
—
—
3.2
—
—
4.67
—
—
4.45
—
—
4.63
A
INHIBITED - INH1
—
—
10
—
—
10
—
—
10
—
—
10
mA
INHIBITED - INH2
—
—
70
—
—
70
—
—
70
—
—
70
INPUT RIPPLE
10 kHz - 20 MHz
CURRENT
Tc = –55°C to +125°C
—
40
90
—
50
130
—
50
100
—
50
130
mA pp
EFFICIENCY
74
78
—
78
81
—
81
83
—
81
84
—
%
LOAD FAULT1
POWER DISSIPATION
OVERLOAD
—
—
27
—
—
30
—
—
30
—
—
30
W
SHORT CIRCUIT2
—
—
22
—
—
27
—
—
24
—
—
24
RECOVERY
—
—
10
—
—
10
—
—
10
—
—
10
ms
OUTPUT CURRENT
TRIP POINT
—
—
25
—
—
25
—
—
20
—
—
14
A
SHORT CIRCUIT2
—
—
24
—
—
24
—
—
19
—
—
13
STEP LOAD RESP.
50% – 100% – 50%
TRANSIENT
—
—
250
—
—
250
—
—
500
—
—
500
mV pk
RECOVERY3
—
—
200
—
—
200
—
—
300
—
—
300
µs
STEP LINE RESP.
16 – 40 – 16 VDC
TRANSIENT4
—
—
400
—
—
400
—
—
500
—
—
500
mV pk
RECOVERY3
—
—
300
—
—
300
—
—
300
—
—
300
µs
START-UP
DELAY
—
—
10
—
—
10
—
—
10
—
—
10
ms
OVERSHOOT
—
0
25
—
0
50
—
0
50
—
0
50
mV pk
INHIBIT PIN CURRENT
UNIT INHIBITED
—
0.1
1.0
—
0.1
1.0
—
0.1
1.0
—
0.1
1.0
mA
Sync In (525 to 625 kHz)
• Logic low 0.8 V max, duty cycle 15% to 50%
• Logic high 4.5 V min, 9 V max
• Referenced to input common
Sync Out - Referenced to input common
Inhibit (INH1, INH2) : TTL Open Collector
• Logic low (output disabled), V = 0.2 V max.
• INH1 referenced to input common
• INH2 referenced to output common
• Logic high (output enabled) open collector
Trim
Case
Inhibit (INH1, INH2)
Sync Out
Sync In
Share
Sense Lines
No connection
Users discrimination
No connection
No connection
Connect to input common
No connection
Must be connected to
appropriate outputs
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com