Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOR283R3S Datasheet(PDF) 12 Page - Interpoint Corporation Company

Part # MOR283R3S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR283R3S Datasheet(HTML) 12 Page - Interpoint Corporation Company

Back Button MOR283R3S Datasheet HTML 8Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 9Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 10Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 11Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 12Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 13Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 14Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 15Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 16Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
MOR SERIES
120 WATT
DC/DC CONVERTERS
3.45 (87.6) Reference
(lead center to lead center)
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
0.128 dia (3.25)
0.040 dia
(1.02)
PIN-SIDE VIEW CASE V*
Flanged case, down leaded)
*Requires case option designator added to model number: MOR2805SV
1
2
3
4
5
6
12
11
10
9
8
7
Maximum dimensions: 3.005 x 1.505 (76.33 x 38.23 mm)
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.2) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
Angled corner
indicates pin one.
FIGURE 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com