Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOR283R3S Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MOR283R3S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR283R3S Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MOR283R3S Datasheet HTML 1Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 2Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 3Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 4Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 5Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 6Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 7Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 8Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PIN DESCRIPTIONS AND FUNCTIONS
PIN OUT
POSITIVE INPUT AND INPUT COMMON
Steady state voltage range is 16 to 40 VDC. Transient range is 40
to 50 V for a maximum of 120 msec. Low voltage lockout prevents
the units from operating below approximately 15.5 VDC input
voltage to keep system current levels smooth, especially during
initialization or re-start operations. All models include a soft-start
function to prevent large current draw and minimize overshoot.
CASE AND EXTERNAL INPUT FILTERS
Internal 500 V capacitors are connected between the case and
input common and between the case and output common. See
Figure 1.
Interpoint’s FME filters are recommended to meet CE03 require-
ments for reflected input line current. When using an external
input filter it is important that the case of the filter and the case of
the converter be connected through as low as an impedance as
possible. Direct connection of the baseplates to chassis ground is
the best connection. If connected by a single trace, the trace
should be as wide as it is long.
TRIM
Both single and dual output
models include a trim function.
Output voltage can be trimmed
from 60% up to 110% of nominal
V out . When trimming up, do not
exceed the maximum output
power. When trimming down, do
not exceed the maximum output
current.
On dual models the positive
output is regulated and the
negative output is transformer
coupled (cross-regulated) to the
positive output. When trimming
the duals, both output voltages
will be adjusted equally.
INHIBIT 1 AND 2
Two inhibit terminals disable switching, resulting in no output and
very low quiescent input current. The two inhibit pins allow access
to an inhibit function on either side of the isolation barrier to help
maintain isolation.
An open collector is
required for inter-
facing with both of
the
inhibit
pins.
Applying an open-
collector TTL logic
low to either inhibit
pin will inhibit the
converter. Applying
an open collector
TTL logic high or
leaving
the
pins
open will enable the converter. Inhibit 1 is referenced to Input
Common, while Inhibit 2 is referenced to Sense Return on the
output side.
The
open
circuit
voltage for Inhibit 1 is
13 V and for Inhibit 2 it
is 8 V. Float the inhibit
pin(s) if not used. The
required
logic
low
voltage level is 0.2 V
maximum.
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Trim
Case
4
Inhibit 1(INH1)
Inhibit 1(INH1)
5
Sync Out
Sync Out
6
Sync In
Sync In
7
Positive Output
Positive Output
8
Output Common
Output Common
9
Sense Return
Negative Output
10
Positive Sense
Trim
11
Share
Share
12
Inhibit 2 (INH2)
Inhibit 2 (INH2)
5
MOR SERIES
120 WATT
DC/DC CONVERTERS
20 k
200
Ω
10 k
V
CC
Positive
Input
Inhibit 1
Input
Common
MOR Input Side
12 V
FIGURE 5: INHIBIT – INPUT SIDE
V
S
~
~
10 k
200
Ω
Current
Limit
Feedback
Voltage
E/A
Inhibit 2
Sense
Return
MOR Output Side
FIGURE 6: INHIBIT – OUTPUT SIDE
Positive Input
1
2 Input Common
MOR
Single or Dual
Output
10, 11, 12
7, 8, 9
Case*
Chassis Ground
Positive Input
1, 2, 3
4, 5, 6
28V
Input Common
FME28-461
EMI Filter
Positive Output
Output Common
FIGURE 2: EXTERNAL FILTER CONNECTION
3
Trim
RT
7
10
9
8
Positive Output
Positive Sense
Sense Return
Output Common
MOR
Single
Output
TRIM UP
TRIM
DOWN
FIGURE 3: TRIM – SINGLE
10 Trim
RT
TRIM UP
TRIM DOWN
MOR
Dual
Output
7
8
9
Positive Output
Output Common
Negative Output
FIGURE 4: TRIM – DUAL
Trim Down:
α =
, 0.6
≤ α ≤ 1.0
Vo
Vo nominal
Example: Vo nominal = 5.0, Vo = 4.5,
α = 0.9, RT = 150 kΩ
RT (kΩ) =
50 •
α – 30
1 –
α
Trim Up:
α =
, 1.0
≤ α ≤ 1.1
Vo
Vo nominal
Example: Vo nominal = 5.0, Vo = 5.25,
α = 1.05, RT = 390 kΩ
RT (kΩ) =
(
– 1
) • 20
(
α -1)
2.5
Vo
– 50
Trim Formulas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com