Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHP27015S/ES Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MHP27015S/ES
Description  DC/DC CONVERTERS 270 VOLT INPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP27015S/ES Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MHP27015S/ES Datasheet HTML 1Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 2Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 3Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 4Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 5Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 6Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TYPICAL CHARACTERISTICS
SYNC AND INHIBIT (INH1, INH2)
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Input Voltage
• 160 to 400 VDC
Output Power
• 50 to 65 watts depending on model
Lead Soldering Temperature (10 sec)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
MHP270 SERIES
65 WATT
DC/DC CONVERTERS
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Isolation
• 100 megohm minimum at 500 V
Conversion Frequency
• Free run mode 600 kHz typical
525 kHz. min., 675 kHz max
• External sync range: 525 to 675 kHz
Inhibit Pin Voltage (unit enabled)
• INH1 =12 V typ., INH2 = 5 V typ
Low Line Drop Out - Vout drops 50 mv
• Input voltage 155 VDC max
Undervoltage Lockout
• Input voltage 110 VDC min
Current Limit
• 125% of full load typical
Input Voltage Range
• 160 to 400 VDC continuous
• 450 VDC for 50 msec transient
Case Operating Temperature (Tc)
• –55 to +100°C full power
Electrical Characteristics: 25°C Tc, 270 VDC Vin, 100% load, free run, unless otherwise specified.
Sync In (525 to 675 kHz)
• Duty cycle 40% min, 60% max
• Logic low 0.8 V max
• Logic high 4.5 V min
• If not used, connect to input common
• Referenced to input common
Sync Out - Referenced to input common
Inhibit (INH1, INH2) TTL Open Collector
• Logic low (output disabled)
INH1 referenced to input common
Logic low 0.8 V max
INH2 referenced to output common
Logic low 0.5 V max
• Logic high (output enabled)
Open collector
Notes
1. Unit will shut down above approximately 425V but will be undamaged
and will restart when voltage drops into normal range.
2. Indefinite short circuit protection not guaranteed above 100°C case.
3. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
SINGLE OUTPUT MODELS
MHP27005S
MHP27012S
MHP27015S
MHP27028S
PARAMETER
CONDITION
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE
4.95
5.00 5.05
11.88 12.00 12.12
14.85 15.00 15.15
27.22 28.00 28.28
VDC
OUTPUT CURRENT
VIN = 160 TO 400 VDC
0
10
0
5
0
4.33
0
2.32
A
OUTPUT POWER
VIN = 160 TO 400 VDC
0
50
0
60
0
65
0
65
W
OUTPUT RIPPLE
VOLTAGE
10 kHz - 2 MHz
50
50
75
280
mV p-p
LINE REGULATION
VIN = 160 TO 400 VDC
50
120
150
280
mV
LOAD REGULATION
NO LOAD TO FULL
50
120
150
280
mV
INPUT VOLTAGE
CONTINUOUS
160
270
400
160
270
400
160
270
400
160
270
400
VDC
TRANSIENT1 50 ms
450
450
450
450
V
INPUT CURRENT
NO LOAD
20
20
20
20
mA
INHIBITED - INH1
8
10
7
10
mA
INHIBITED - INH2
15
15
15
15
INPUT RIPPLE
CURRENT
10 kHz - 10 MHz
50
50
45
50
mA p-p
EFFICIENCY
76
81
80
80
%
LOAD FAULT2
POWER DISSIPATION
SHORT CIRCUIT
19
19
19
23
W
VOUT
1.5
1.5
1.0
1.0
VDC
STEP LOAD RESP.
50% – 100% – 50%
TRANSIENT
300
700
700
1800
mV pk
RECOVERY3
300
500
300
1000
µs
PINS NOT IN USE
Inhibit (INH1, INH2)
Sync Out
Sync In
Share
Sense Lines
No connection
No connection
Connect to input common
Connect to output common
Must be connected to
appropriate outputs
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com