Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHP27015S/ES Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MHP27015S/ES
Description  DC/DC CONVERTERS 270 VOLT INPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP27015S/ES Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MHP27015S/ES Datasheet HTML 1Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 2Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 3Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 4Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 5Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 6Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MHP270 SERIES
65 WATT
DC/DC CONVERTERS
RL
1
2
3
4
5
6
1
2
3
4
5
6
1
2
3
4
5
6
12
11
10
9
8
7
12
11
10
9
8
7
12
11
10
9
8
7
MHP270 #1
MHP270 #2
MHP270 #N
270V
+
Positive Input
Input Common
INH2
INH1
Sync Out
Sync In
Share
N/C
Pos. Sense
Sense Return
Output Common
Positive Output
Positive Input
Input Common
INH2
INH1
Sync Out
Sync In
Share
N/C
Pos. Sense
Sense Return
Output Common
Positive Output
Positive Input
Input Common
INH2
INH1
Sync Out
Sync In
Share
N/C
Pos. Sense
Sense Return
Output Common
Positive Output
+
FIGURE 2: PARALLEL CONNECTIONS
PIN OUT
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Inhibit 2 (INH2)
Inhibit 2 (INH2)
4
Inhibit 1 (INH1)
Inhibit 1 (INH1)
5
Sync Out
Sync Out
6
Sync In
Sync In
7
Positive Output
Positive Output
8
Output Common
Output Common
9
Sense Return
Negative Output
10
Positive Sense
No connection
11
No connection
No connection
12
Share
Share
MODEL NUMBERING KEY
MHP
270 05 S / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(Standard screening has no designator
in this position.)
Angled corner indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
TOP VIEW
MHP
(Pin side, marked side)
See “Case U Maximum Dimensions”
and “Case U”
FIGURE 3: PIN OUT
SINGLE OUTPUT MODELS CONNECTION DIAGRAM - PARALLEL
MHP270 Rev D This revision supercedes all previous releases.
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. MHP270 Series is a trademark of
Interpoint. Copyright © 1994 - 2005 Interpoint Corporation. All rights reserved.
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com