Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHP27015S/ES Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MHP27015S/ES
Description  DC/DC CONVERTERS 270 VOLT INPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP27015S/ES Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MHP27015S/ES Datasheet HTML 1Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 2Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 3Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 4Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 5Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 6Page - Interpoint Corporation Company MHP27015S/ES Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CASES
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold
compression glass seal
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.2) for two decimal places
unless otherwise specified
See Case U for pin configuration
1.505 max (38.23)
3.005 (76.33) max.
Note: Pins are shown for Case U1.
Angled corner indicates pin one
Case U maximum dimensions, Rev B, September 27 2005
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2005 Interpoint Corp. All rights reserved.
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin
CASE U MAXIMUM DIMENSIONS
TOP VIEW (PIN SIDE)
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com