Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSED-2R Datasheet(PDF) 22 Page - IDEC Corporation

Part # LSED-2R
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-2R Datasheet(HTML) 22 Page - IDEC Corporation

Back Button LSED-2R Datasheet HTML 18Page - IDEC Corporation LSED-2R Datasheet HTML 19Page - IDEC Corporation LSED-2R Datasheet HTML 20Page - IDEC Corporation LSED-2R Datasheet HTML 21Page - IDEC Corporation LSED-2R Datasheet HTML 22Page - IDEC Corporation LSED-2R Datasheet HTML 23Page - IDEC Corporation LSED-2R Datasheet HTML 24Page - IDEC Corporation LSED-2R Datasheet HTML 25Page - IDEC Corporation LSED-2R Datasheet HTML 26Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
22
Non-illuminated Pushlock Pull / Turn Reset (Screw Terminal)
Shape
NC Main
Contact
NO Monitor
Contact
Part No.
➀Operator
Color Code
IP20
w/Terminal Cover
ø40mm Mushroom
1NC
—
XW1E-BV401MF➀
XW1E-BV401M➀
R: Dark red
RH: Bright
red
2NC
—
XW1E-BV402MF➀
XW1E-BV402M➀
3NC
—
XW1E-BV403MF➀
XW1E-BV403M➀
4NC
—
XW1E-BV404MF➀
XW1E-BV404M➀
1NC
1NO
XW1E-BV411MF➀
XW1E-BV411M➀
2NC
1NO
XW1E-BV412MF➀
XW1E-BV412M➀
3NC
1NO
XW1E-BV413MF➀
XW1E-BV413M➀
2NC
2NO
XW1E-BV422MF➀
XW1E-BV422M➀
ø60mm Mushroom
1NC
—
XW1E-BV501MF➀
XW1E-BV501M➀
2NC
—
XW1E-BV502MF➀
XW1E-BV502M➀
3NC
—
XW1E-BV503MF➀
XW1E-BV503M➀
4NC
—
XW1E-BV504MF➀
XW1E-BV504M➀
1NC
1NO
XW1E-BV511MF➀
XW1E-BV511M➀
2NC
1NO
XW1E-BV512MF➀
XW1E-BV512M➀
3NC
1NO
XW1E-BV513MF➀
XW1E-BV513M➀
2NC
2NO
XW1E-BV522MF➀
XW1E-BV522M➀
• Specify a color code in place of ➀ in the Part No.
• IP20 types can be connected to solid wires only.
• For EMO Switches, see page 58.
Non-illuminated Pushlock Pull/Turn Reset (Solder Terminal/PC Board Terminal)
Shape
NC Main
Contact
NO Monitor
Contact
Part No.
➀Operator
Color Code
Solder Terminal
PC Board Terminal
ø40mm Mushroom
1NC
—
XW1E-BV401➀
XW1E-BV401V➀
R: Dark red
RH: Bright
red
2NC
—
XW1E-BV402➀
XW1E-BV402V➀
3NC
—
XW1E-BV403➀
XW1E-BV403V➀
4NC
—
XW1E-BV404➀
XW1E-BV404V➀
1NC
1NO
XW1E-BV411➀
XW1E-BV411V➀
2NC
1NO
XW1E-BV412➀
XW1E-BV412V➀
3NC
1NO
XW1E-BV413➀
XW1E-BV413V➀
2NC
2NO
XW1E-BV422➀
—
• Specify a color code in place of ➀ in the Part No.
• Terminal cover (XA9Z-VL2) is ordered separately.
Pushlock Pull/Turn Reset (Connector)
Shape
NC Main
Contact
NO Monitor
Contact
Part No.
➀Operator
Color Code
ø40mm Mushroom
3NC
—
XW1E-BV403V➀-BC
R: Dark red
RH: Bright
red
• Specify a color code in place of ➀ in the Part No.
• Applying for UL/c-UL listing. The switch unit (XW1E-BV) is UL/c-UL listed.
• See page 30 for applicable connectors.
ø22 XW Series Emergency Stop Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com