Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSED-2R Datasheet(PDF) 35 Page - IDEC Corporation

Part # LSED-2R
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-2R Datasheet(HTML) 35 Page - IDEC Corporation

Back Button LSED-2R Datasheet HTML 31Page - IDEC Corporation LSED-2R Datasheet HTML 32Page - IDEC Corporation LSED-2R Datasheet HTML 33Page - IDEC Corporation LSED-2R Datasheet HTML 34Page - IDEC Corporation LSED-2R Datasheet HTML 35Page - IDEC Corporation LSED-2R Datasheet HTML 36Page - IDEC Corporation LSED-2R Datasheet HTML 37Page - IDEC Corporation LSED-2R Datasheet HTML 38Page - IDEC Corporation LSED-2R Datasheet HTML 39Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
35
Pushlock Key Reset Switches (with Removable Contact Block)
Shape
Contact
Part No.
Button Color
ø40mm Mushroom Pushlock Key Reset
HW1B-X4
1NC
HW1B-X401R
Red only
1NO-1NC
HW1B-X411R
2NC
HW1B-X402R
2NO-2NC
HW1B-X422R
• When pressed, the button is held depressed. The button is released by turning the key clockwise.
• Pushlock key reset switches with one or three contact blocks contain a dummy block.
• Two identical keys and safety lever lock HW9Z-LS are supplied with the switch.
• Safety lever lock HW9Z-LS is supplied with the switch.
• Other contact arrangements and gold-plated silver contacts are also available. See Part No. Development.
Push-Pull Switches (with Removable Contact Block)
Shape
Contact
Part No.
Button Color
ø40mm Mushroom Push-Pull (2-position)
HW1B-Y2
1NC
HW1B-Y201➀
Specify a button color
code in place of ➀ in
the Part No.
R: red
Y: yellow
1NO-1NC
HW1B-Y211➀
2NC
HW1B-Y202➀
• The button is maintained at either pulled or depressed position.
• Push-pull switches are available with one or two contact blocks.
• Push-pull switches with one contact block contain a dummy block.
• Safety lever lock HW9Z-LS is supplied with the switch.
Accessory
Nameplate (for ø22 Emergency Stop Switches)
Shape
Name
Part No.
Legend
Package
Quantity
Remarks
EM
ERGENCY
STOP
ø60
ø22
0.9
1.5
Nameplate for
Emergency
Stop Switch
(See page 36
for panel cut-
out.)
HWAV-0-Y
(blank)
1
Background: Yellow
Legend:
Black
Applicable panel thickness: 0.8 to 4.5 mm
Material:
Polyamide
Not applicable for ø60 mm mushroom
buttons.
Legend "EMERGENCY STOP" is
indicated outside a ø44mm circle.
HWAV-27-Y EMERGENCY
STOP
• EMERGENCY OFF and white nameplates (blank) also available. See page 61 and 64 for details.
Emergency Stop Switches (w/Removable Contact Block)
For emergency stop purposes, these switches must contain at least one NC contact block.
HW1B-V4 11 R -MAU
Optional contact
MAU: Gold-plated silver contact
Button/lens color code
Contact arrangement code
01: 1NC
11: 1NO-1NC
02: 2NC
21: 2NO-1NC
12: 1NO-2NC
03: 3NC
31: 3NO-1NC
22: 2NO-2NC
13: 1NO-3NC
04: 4NC
Note: Push-pull HW1B-Y2 can have
a maximum of two contact blocks.
Part No. Development
HW Series Emergency Stop Switches ø22
HW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com