Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSED-2R Datasheet(PDF) 57 Page - IDEC Corporation

Part # LSED-2R
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-2R Datasheet(HTML) 57 Page - IDEC Corporation

Back Button LSED-2R Datasheet HTML 53Page - IDEC Corporation LSED-2R Datasheet HTML 54Page - IDEC Corporation LSED-2R Datasheet HTML 55Page - IDEC Corporation LSED-2R Datasheet HTML 56Page - IDEC Corporation LSED-2R Datasheet HTML 57Page - IDEC Corporation LSED-2R Datasheet HTML 58Page - IDEC Corporation LSED-2R Datasheet HTML 59Page - IDEC Corporation LSED-2R Datasheet HTML 60Page - IDEC Corporation LSED-2R Datasheet HTML 61Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
57
HN Series Emergency Stop Switches ø30
Panel Mounting
Tighten the locking ring using ring wrench XN9Z-T1 or
TWST-T1 to a torque of 2.0 N·m maximum. Do not use
pliers. Excessive tightening will damage the locking ring.
Installing and Removing the Lens
There is a groove each on the right and left of the lens.
Insert a flat screwdriver into one of them and push upward.
Take care not lose a lens.
Replacing the LED lamp
Use the lamp holder tool (OR-55) to replace the LED lamp
from the front of the panel.
[How to Remove]
To remove, slip the lamp holder tool (OR-55) onto the lamp
head lightly. Then push slightly, and turn the lamp holder
tool counterclockwise.
[How to Install]
To install, insert the lamp head into the lamp holder tool
(OR-55).
Lamp
Lamp Holder Tool
Place the pins on the lamp base to the grooves in the lamp
socket. Inset the lamp and turn it clockwise.
Base
Do not apply excessive force onto the lamp in the base,
otherwise the base will be damaged.
Notice on Wiring
When wiring, provide sufficient insulation between wires
(crimping terminals).
Recommended Tightening Torque
1.0 to 1.3 N∙m
• Turn off the power to the HN series before starting installa-
tion, removal, wiring, maintenance, and inspection. Failure
to turn power off may cause electrical shocks or fire haz-
ard.
• To avoid a burn on your hand, use the lamp holder tool
when replacing lamps.
• For wiring, use wires of a proper size to meet the volt-
age and current requirements. Tighten the M3.5 terminal
screws to a tightening torque of 1.0 to 1.3 N·m. Failure to
tighten terminal screws may cause overheat and fire.
Safety Precautions
Operating Instructions
HN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com