Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EASY-NT-R Datasheet(PDF) 11 Page - Eaton All Rights Reserved.

Part # EASY-NT-R
Description  Control Relays and Timers EASY Intelligent Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EASY-NT-R Datasheet(HTML) 11 Page - Eaton All Rights Reserved.

Back Button EASY-NT-R Datasheet HTML 7Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 8Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 9Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 10Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 11Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 12Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 13Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 14Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 15Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Volume 7—Motor Controls, Logic and Connectivity
CA08100008E—August 2011
www.eaton.com
V7-T40-29
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40.3
Control Relays and Timers
EASY Intelligent Relays
Product Selection
MFD Displays (MFD-80)
MFD Controllers (MFD-CP8)
MFD I/O Modules
MFD Display to EASY Communication Modules (MFD-CP4) 2
Notes
For additional expansion, see EASY/MFD Expansion Modules on Page V7-T40-26.
1 Analog inputs optional.
2 Link MFD displays to EASY 500/700 or 800 intelligent relays for text only cabinet door installations.
Description
Catalog
Number
MFD, no buttons
MFD-80
MFD, buttons (shown)
MFD-80-B
Description
Catalog
Number
MFD CPU with 24 Vdc, power supply, clock
MFD-CP8-ME
MFD CPU with 24 Vdc, power supply, clock, EASY-NET
MFD-CP8-NT
MFD CPU with 100–240 Vac, power supply, clock
MFD-AC-CP8-ME
MFD CPU with 100–240 Vac, power supply, clock, EASY-NET
MFD-AC-CP8-NT
Description
Inputs 1
Outputs
Catalog
Number
110–240 Vac
24 Vdc
Analog
Relay
Transistor
Analog
16 I/O
12
—
—
4
—
—
MFD-AC-R16
—12
4
4
—
—
MFD-R16
—12
4
—
4
—
MFD-T16
17 I/O
—
12
4
4
—
1
MFD-RA17
—12
4
—
4
1
MFD-TA17
Description
Catalog Number
MFD display to EASY500/700 DC communication module with EASY500/700 communication
cable (MFD-CP4-500-CAB5)
MFD-CP4-500
MFD display to EASY500/700 AC communication module with EASY500/700 communication
cable (MFD-CP4-500-CAB5)
MFD-AC-CP4-500
MFD display to EASY800 DC communication module with EASY800 communication cable
(MFD-CP4-800-CAB5)
MFD-CP4-800
MFD display to EASY800 AC communication module with EASY800 communication cable
(MFD-CP4-800-CAB5)
MFD-AC-CP4-800
Replacement communication module (all controllers—no cable)
MFD-CP4
MFD-80-B
MFD-CP8
MFD-R16
MFD-CP4-800 Attached
to EASY-80 Display and
EASY800 Unit
MFD-80
MFD-CP8
MFD-I/O
MFD Assembly
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com