Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EASY-NT-R Datasheet(PDF) 12 Page - Eaton All Rights Reserved.

Part # EASY-NT-R
Description  Control Relays and Timers EASY Intelligent Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EASY-NT-R Datasheet(HTML) 12 Page - Eaton All Rights Reserved.

Back Button EASY-NT-R Datasheet HTML 8Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 9Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 10Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 11Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 12Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 13Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 14Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 15Page - Eaton All Rights Reserved. EASY-NT-R Datasheet HTML 16Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
V7-T40-30
Volume 7—Motor Controls, Logic and Connectivity
CA08100008E—August 2011
www.eaton.com
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40.3 Control Relays and Timers
EASY Intelligent Relays
Technical Data and Specifications
MFD-80, MFD-CP4, MFD-CP8
MFD I/O Modules
MFD-CP4 and CP8 Communication Modules
Note
1 Relay = 8A with resistive load, 3A with inductive load.
Transistor outputs = 0.5A/24 Vdc, maximum four outputs switchable in parallel.
Type
MFD-80…
MFD-CP4/CP8
Connection cables
Solid
—
0.2–4.0 mm2 (AWG 22-12)
Flexible
—
0.2–2.5 mm2 (AWG 22-12)
Degree of protection
IP 65
IP 20
RFI suppression
EN 55011, EN 55022 Class B, IEC 61000-6-1, 2, 3, 4
EN 55011, EN 55022 Class B, IEC 61000-6-1, 2, 3, 4
Ambient operating temperature
Clearly legible at –5 to 50°C
–25 to 55°C
Transport and storage temperature
–40 to 70°C
–40 to 70°C
Hazardous location
CSA Class I, Div. 2, Groups A, B, C, D; Temp. Code T3C
CSA Class I, Div. 2, Groups A, B, C, D; Temp. Code T3C
Type
MFD-AC-R16
MFD-R16
MFD-RA17
MFD-T16
MFD-TA17
Supply voltage
Supply via
MFD-CP8 module
Supply via
MFD-CP8 module
Supply via
MFD-CP8 module
Supply via
MFD-CP8 module
Supply via
MFD-CP8 module
Heat dissipation
0.5W
0.5W
0.5W
0.5W
0.5W
Continuous current outputs 1
8A
8A
8A
0.5A
0.5A
Short-circuit proof with
power factor 1
Line protection
B16, 600A
Line protection
B16, 600A
Line protection
B16, 600A
——
Short-circuit proof with
power factor 0.7…0.7
Line protection
B16, 600A
Line protection
B16, 600A
Line protection
B16, 600A
——
Connection cables
Solid
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
0.2–4.0 mm2 (AWG 22-12)
Flexible
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
0.2–2.5 mm2 (AWG 22-12)
Degree of protection
IP20
IP20
IP20
IP20
IP20
RFI suppression
EN 55011, EN 55022 Class B, IEC 61000-6-1,2,3,4
Ambient operating temperature
–25 to 55°C
–25 to 55°C
–25 to 55°C
–25 to 55°C
–25 to 55°C
Transport and storage temperature
–40 to 70°C
–40 to 70°C
–40 to 70°C
–40 to 70°C
–40 to 70°C
Mounting
Snap fitted to
MFD-CP8 module
Snap fitted to
MFD-CP8 module
Snap fitted to
MFD-CP8 module
Snap fitted to
MFD-CP8 module
Snap fitted to
MFD-CP8 module
Type
MFD-80…
MFD-CP4-…
MFD-CP8…
MFD-AC-CP8…
Supply voltage
Supply from -CP
24 Vdc
24 Vdc
100–240 Vac
Heat dissipation
3W
1.5W
3W
8 VA
Mounting
Front mounting in 2 x 22.5 mm
Standard drill holes
Snap fitted to MFD-80
Snap fitted to MFD-80 or on top-hat rail to DIN 50022, 35 mm or screw
Mounting with ZB4-101-GF1 fixing brackets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com