Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG110 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9FG110
Description  Programmable FTG for Differential PCI-Express
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG110 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9FG110 Datasheet HTML 1Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Integrated
Circuit
Systems, Inc.
ICS9FG110
Advance Information
0872—12/11/03
Pin Configuration
Recommended Application:
Frequency Timing Generator for Differential PCI-Express clocks
Features:
•
Generates common PCI-Express frequencies from
reference input clock (33.33MHz)
•
7 - 0.7V current-mode differential output pairs
•
Three spread spectrum modes: spread tracking mode, 0
to -0.5 downspread and +/-0.25% centerspread
•
Support for M/N programming
•
Programmable spread percentage
•
Programmable output divider
•
SMBus address is DC/DD
Key Specifications:
•
Output cycle-to-cycle jitter < 85 ps
•
Output to output skew < 85 ps
•
+/-300 ppm frequency accuracy on output clocks
Programmable FTG for Differential PCI-Express
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
Power Groups
REFIN 1
28 VDDA
SDATA 2
27 GNDA
SCLK 3
26 IREF
*PD# 425 MODE_SEL**
PCIEXT0 5
24 PCIEXT6
PCIEXC0 6
23 PCIEXC6
VDDPCIEX 722 VDDPCIEX
GND 8
21 GND
PCIEXT1 9
20 PCIEXT5
PCIEXC1 10
19 PCIEXC5
PCIEXT2 11
18 PCIEXT4
PCIEXC2 12
17 PCIEXC4
PCIEXT3 13
16 VDDPCIEX
PCIEXC314
15GND
28-SSOP/TSSOP
** This pin have 120K pull-down to GND
* This pin have 120K pull-up to VDD
VDD
GND
28
27
Analog pow er & GND for CPU Core
7, 22
8, 15, 21
Pow er & GND for PCI Express Clock
Outputs
Pin Number
Description
Block Diagram
I REF
Programmable
Spread
PLL1
Programmable
Frequency
Dividers
REFIN
SDATA
SCLK
MODE_SEL
Control
Logic
PCIEXC (6:0)
PCIEXT (6:0)
Functionality Table
Spread Spectrum %
Spread Tracking Input
+/- 0.25 Center Spread
MODE_SEL
PCIEX Freq
0
1
100
100


Similar Part No. - ICS9FG110

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG104 IDT-ICS9FG104 Datasheet
246Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
ICS9FG104E RENESAS-ICS9FG104E Datasheet
354Kb / 19P
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
ICS9FG104E RENESAS-ICS9FG104E Datasheet
354Kb / 19P
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
REV D 102912
More results

Similar Description - ICS9FG110

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB108 ICST-ICS9DB108 Datasheet
109Kb / 15P
Eight Output Differential Buffer for PCI-Express
ICS9FG108 ICST-ICS9FG108 Datasheet
145Kb / 13P
Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
Four Output Differential Buffer for PCI-Express
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
ICS9FG107 ICST-ICS9FG107 Datasheet
108Kb / 14P
Programmable FTG for Differential CPU, PCI Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
Four Output Differential Buffer for PCI Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
Four Output Differential Buffer for PCI Express
1/27/11
ICS9DB104 RENESAS-ICS9DB104 Datasheet
326Kb / 15P
Four Output Differential Buffer for PCI-Express
2019
ICS9FG107 RENESAS-ICS9FG107 Datasheet
366Kb / 19P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com