Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-40C0130-R-30D Datasheet(PDF) 2 Page - Bridgelux, Inc.

Part # BXEM-40C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-40C0130-R-30D Datasheet(HTML) 2 Page - Bridgelux, Inc.

  BXEM-40C0130-R-30D Datasheet HTML 1Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 2Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 3Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 4Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 5Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 6Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 7Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 8Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 9Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Introduction
The Bridgelux SMD 3030 offers exceptional performance in a compact LED package. This mid power LED is hot-color
targeted which ensures that the LEDs fall within their specified color bin at the typical application conditions of 85°C.
With its broad lumen coverage and wide range of CCT options, the SMD 3030 provides unparalleled design-in flexibility
for indoor and outdoor lighting applications. Its high flux capability reduces the number of LEDs and enables industry
leading system level lumen per dollar. The SMD 3030 is ideal as a drop in replacement for emitters with an industry
standard 3.0mm x 3.0mm footprint.
Features
• Competitive efficacy and lumen per dollar
• Industry-standard 3030 footprint
• Excellent color maintenance
• 9 bin color control enables tight color control
• Superior luminous flux at maximum current for
reduced LED count
• Hot-color targeting ensures that color is within the
ANSI bin at the typical application conditions of 85°C
• Enables 3- and 5-step MacAdam ellipse custom
binning kits
• RoHS compliant and Lead free
• Multiple CCT and CRI configurations for a wide
range of lighting applications
Benefits
• Lower operating and manufacturing cost
• Ease of design and rapid go-to-market
• Uniform consistent white light
• Reliable and constant white point
• Environmentally friendly, complies with standards
• Design flexibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com