Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-40C0130-R-30D Datasheet(PDF) 16 Page - Bridgelux, Inc.

Part # BXEM-40C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-40C0130-R-30D Datasheet(HTML) 16 Page - Bridgelux, Inc.

Back Button BXEM-40C0130-R-30D Datasheet HTML 12Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 13Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 14Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 15Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 16Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 17Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 18Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 19Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 20Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Performance Curves
14
Note for Figure 3:
1. Bridgelux does not recommend driving high power LEDs at low currents. Doing so may produce unpredictable results. Pulse width modulation
(PWM) is recommended for dimming effects.
Figure 2: Drive Current vs. Voltage (T
sp=25°C)
Figure 3: Typical Relative Luminous Flux vs. Drive Current (T
sp=25°C)
0
30
60
90
120
150
180
210
240
270
5.0
5.5
6.0
6.5
7.0
Forward Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
50
100
150
200
250
Forward Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com